| Electronic Components Datasheet Search |
|
PEB2256HT Datasheet(PDF) 334 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
PEB2256HT Datasheet(HTML) 334 Page - Infineon Technologies AG |
|
334 / 490 page ![]() FALC56 V1.2 PEB 2256 T1/J1 Registers Data Sheet 334 2002-08-27 10.2 Detailed Description of T1/J1 Control Registers Transmit FIFO - HDLC Channel 1 (Write) Writing data to XFIFO of HDLC channel 1 can be done in 8-bit (byte) or 16-bit (word) access. The LSB is transmitted first. Up to 32 bytes/16 words of transmit data can be written to the XFIFO following an XPR interrupt. Command Register (Write) Value after reset: 00 H RMC Receive Message Complete - HDLC Channel 1 Confirmation from CPU to FALC56 that the current frame or data block has been fetched following an RPF or RME interrupt, thus the occupied space in the RFIFO can be released. If RMC is given while RFIFO is already cleared, the next incoming data block is cleared instantly, although interrupts are generated. RRES Receiver Reset The receive line interface except the clock and data recovery unit (DPLL), the receive framer, the one-second timer and the receive signaling controller are reset. However the contents of the control registers is not deleted. XREP Transmission Repeat - HDLC Channel 1 If XREP is set together with XTF (write 24H to CMDR), the FALC56 repeatedly transmits the contents of the XFIFO (1 to 32 bytes) without HDLC framing fully transparently, i.e. without flag, CRC. The cyclic transmission is stopped with an SRES command or by resetting XREP. 70 XFIFO XF7 XF0 (00) XFIFO XF15 XF8 (01) 70 CMDR RMC RRES XREP XRES XHF XTF XME SRES (02) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |