Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 330 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 330 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 326Page - Infineon Technologies AG PEB2256HT Datasheet HTML 327Page - Infineon Technologies AG PEB2256HT Datasheet HTML 328Page - Infineon Technologies AG PEB2256HT Datasheet HTML 329Page - Infineon Technologies AG PEB2256HT Datasheet HTML 330Page - Infineon Technologies AG PEB2256HT Datasheet HTML 331Page - Infineon Technologies AG PEB2256HT Datasheet HTML 332Page - Infineon Technologies AG PEB2256HT Datasheet HTML 333Page - Infineon Technologies AG PEB2256HT Datasheet HTML 334Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 330 / 490 page
background image
FALC56 V1.2
PEB 2256
T1/J1 Registers
Data Sheet
330
2002-08-27
10
T1/J1 Registers
10.1
T1/J1 Control Register Addresses
Table 63
T1/J1 Control Register Address Arrangement
Address
Register
Type
Comment
Page
00
XFIFO
W
Transmit FIFO
334
01
XFIFO
W
Transmit FIFO
334
02
CMDR
W
Command Register
334
03
MODE
R/W
Mode Register
336
04
RAH1
R/W
Receive Address High 1
337
05
RAH2
R/W
Receive Address High 2
337
06
RAL1
R/W
Receive Address Low 1
337
07
RAL2
R/W
Receive Address Low 2
337
08
IPC
R/W
Interrupt Port Configuration
338
09
CCR1
R/W
Common Configuration Register 1 338
0A
CCR2
R/W
Common Configuration Register 2 341
0C
RTR1
R/W
Receive Time Slot Register 1
342
0D
RTR2
R/W
Receive Time Slot Register 2
342
0E
RTR3
R/W
Receive Time Slot Register 3
342
0F
RTR4
R/W
Receive Time Slot Register 4
342
10
TTR1
R/W
Transmit Time Slot Register 1
343
11
TTR2
R/W
Transmit Time Slot Register 2
343
12
TTR3
R/W
Transmit Time Slot Register 3
343
13
TTR4
R/W
Transmit Time Slot Register 4
343
14
IMR0
R/W
Interrupt Mask Register 0
344
15
IMR1
R/W
Interrupt Mask Register 1
344
16
IMR2
R/W
Interrupt Mask Register 2
344
17
IMR3
R/W
Interrupt Mask Register 3
344
18
IMR4
R/W
Interrupt Mask Register 4
344
19
IMR5
R/W
Interrupt Mask Register 5
344
1B
IERR
R/W
Single Bit Error Insertion Register
345
1C
FMR0
R/W
Framer Mode Register 0
345



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com