Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 331 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 331 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 327Page - Infineon Technologies AG PEB2256HT Datasheet HTML 328Page - Infineon Technologies AG PEB2256HT Datasheet HTML 329Page - Infineon Technologies AG PEB2256HT Datasheet HTML 330Page - Infineon Technologies AG PEB2256HT Datasheet HTML 331Page - Infineon Technologies AG PEB2256HT Datasheet HTML 332Page - Infineon Technologies AG PEB2256HT Datasheet HTML 333Page - Infineon Technologies AG PEB2256HT Datasheet HTML 334Page - Infineon Technologies AG PEB2256HT Datasheet HTML 335Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 331 / 490 page
background image
FALC56 V1.2
PEB 2256
T1/J1 Registers
Data Sheet
331
2002-08-27
1D
FMR1
R/W
Framer Mode Register 1
347
1E
FMR2
R/W
Framer Mode Register 2
349
1F
LOOP
R/W
Channel Loop-Back
351
20
FMR4
R/W
Framer Mode Register 4
352
21
FMR5
R/W
Framer Mode Register 5
354
22
XC0
R/W
Transmit Control 0
355
23
XC1
R/W
Transmit Control 1
356
24
RC0
R/W
Receive Control 0
357
25
RC1
R/W
Receive Control 1
359
26
XPM0
R/W
Transmit Pulse Mask 0
361
27
XPM1
R/W
Transmit Pulse Mask 1
361
28
XPM2
R/W
Transmit Pulse Mask 2
361
2B
IDLE
R/W
Idle Channel Code
362
2C
XDL1
R/W
Transmit DL-Bit Register 1
362
2D
XDL2
R/W
Transmit DL-Bit Register 2
362
2E
XDL3
R/W
Transmit DL-Bit Register 3
362
2F
CCB1
R/W
Clear Channel Register 1
363
30
CCB2
R/W
Clear Channel Register 2
363
31
CCB3
R/W
Clear Channel Register 3
363
32
ICB1
R/W
Idle Channel Register 1
364
33
ICB2
R/W
Idle Channel Register 2
364
34
ICB3
R/W
Idle Channel Register 3
364
36
LIM0
R/W
Line Interface Mode 0
364
37
LIM1
R/W
Line Interface Mode 1
366
38
PCD
R/W
Pulse Count Detection
367
39
PCR
R/W
Pulse Count Recovery
368
3A
LIM2
R/W
Line Interface Register 2
369
3B
LCR1
R/W
Loop Code Register 1
370
3C
LCR2
R/W
Loop Code Register 2
372
3D
LCR3
R/W
Loop Code Register 3
372
Table 63
T1/J1 Control Register Address Arrangement (cont’d)
Address
Register
Type
Comment
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com