Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 335 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 335 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 331Page - Infineon Technologies AG PEB2256HT Datasheet HTML 332Page - Infineon Technologies AG PEB2256HT Datasheet HTML 333Page - Infineon Technologies AG PEB2256HT Datasheet HTML 334Page - Infineon Technologies AG PEB2256HT Datasheet HTML 335Page - Infineon Technologies AG PEB2256HT Datasheet HTML 336Page - Infineon Technologies AG PEB2256HT Datasheet HTML 337Page - Infineon Technologies AG PEB2256HT Datasheet HTML 338Page - Infineon Technologies AG PEB2256HT Datasheet HTML 339Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 335 / 490 page
background image
FALC56 V1.2
PEB 2256
T1/J1 Registers
Data Sheet
335
2002-08-27
Note: During cyclic transmission the XREP-bit has to be set with every
write operation to CMDR.
XRES
Transmitter Reset
The transmit framer and transmit line interface excluding the system
clock generator and the pulse shaper are reset. However the contents
of the control registers is not deleted.
XHF
Transmit HDLC Frame - HDLC Channel 1
After having written up to 32 bytes to the XFIFO, this command
initiates the transmission of a HDLC frame.
XTF
Transmit Transparent Frame - HDLC Channel 1
Initiates the transmission of a transparent frame without HDLC
framing.
XME
Transmit Message End - HDLC Channel 1
Indicates that the data block written last to the transmit FIFO
completes the current frame. The FALC56 can terminate the
transmission operation properly by appending the CRC and the
closing flag sequence to the data.
SRES
Signaling Transmitter Reset - HDLC Channel 1
The transmitter of the signaling controller is reset. XFIFO is cleared of
any data and an abort sequence (seven 1s) followed by interframe
time fill is transmitted. In response to XRES an XPR interrupt is
generated.
This command can be used by the CPU to abort a frame currently in
transmission.
Note: The maximum time between writing to the CMDR register and
the execution of the command takes 2.5 periods of the current
system data rate. Therefore, if the CPU operates with a very
high clock rate in comparison with the FALC56's clock, it is
recommended that bit SIS.CEC should be checked before
writing to the CMDR register to avoid any loss of commands.
Note: If SCLKX is used to clock the transmission path, commands to
the HDLC transmitter should only be sent while this clock is
available. If SCLKX is missing, the command register is
blocked after an HDLC command is given.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com