Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 336 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 336 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 332Page - Infineon Technologies AG PEB2256HT Datasheet HTML 333Page - Infineon Technologies AG PEB2256HT Datasheet HTML 334Page - Infineon Technologies AG PEB2256HT Datasheet HTML 335Page - Infineon Technologies AG PEB2256HT Datasheet HTML 336Page - Infineon Technologies AG PEB2256HT Datasheet HTML 337Page - Infineon Technologies AG PEB2256HT Datasheet HTML 338Page - Infineon Technologies AG PEB2256HT Datasheet HTML 339Page - Infineon Technologies AG PEB2256HT Datasheet HTML 340Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 336 / 490 page
background image
FALC56 V1.2
PEB 2256
T1/J1 Registers
Data Sheet
336
2002-08-27
Mode Register (Read/Write)
Value after reset: 00
H
MDS(2:0)
Mode Select - HDLC Channel 1
The operating mode of the HDLC controller is selected.
000
=Reserved
001
=Signaling System 7 (SS7) support1)
010
=One-byte address comparison mode (RAL1, 2)
011
=Two-byte address comparison mode (RAH1, 2 and RAL1, 2)
100
=No address comparison
101
=One-byte address comparison mode (RAH1, 2)
110
=Reserved
111
=No HDLC framing mode 1
BRAC
BOM Receiver Active - HDLC Channel 1
Switches the BOM receiver to operational or inoperational state.
0
= Receiver inactive
1
= Receiver active
HRAC
Receiver Active - HDLC Channel 1
Switches the HDLC receiver to operational or inoperational state.
0
= Receiver inactive
1
= Receiver active
DIV
Data Inversion - HDLC Channel 1
Setting this bit inverts the internal generated HDLC channel 1 data
stream.
0
= Normal operation, HDLC data stream not inverted
1
= HDLC data stream inverted
70
MODE
MDS2
MDS1
MDS0
BRAC
HRAC
DIV
(03)
1)
CCR2.RADD must be set, if SS7 mode is selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com