Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 332 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 332 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 328Page - Infineon Technologies AG PEB2256HT Datasheet HTML 329Page - Infineon Technologies AG PEB2256HT Datasheet HTML 330Page - Infineon Technologies AG PEB2256HT Datasheet HTML 331Page - Infineon Technologies AG PEB2256HT Datasheet HTML 332Page - Infineon Technologies AG PEB2256HT Datasheet HTML 333Page - Infineon Technologies AG PEB2256HT Datasheet HTML 334Page - Infineon Technologies AG PEB2256HT Datasheet HTML 335Page - Infineon Technologies AG PEB2256HT Datasheet HTML 336Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 332 / 490 page
background image
FALC56 V1.2
PEB 2256
T1/J1 Registers
Data Sheet
332
2002-08-27
3E
SIC1
R/W
System Interface Control 1
373
3F
SIC2
R/W
System Interface Control 2
374
40
SIC3
R/W
System Interface Control 3
376
44
CMR1
R/W
Clock Mode Register 1
378
45
CMR2
R/W
Clock Mode Register 2
379
46
GCR
R/W
Global Configuration Register 1
381
47
ESM
R/W
Errored Second Mask
382
60
DEC
W
Disable Error Counter
382
70
XS1
W
Transmit Signaling Register 1
383
71
XS2
W
Transmit Signaling Register 2
383
72
XS3
W
Transmit Signaling Register 3
383
73
XS4
W
Transmit Signaling Register 4
383
74
XS5
W
Transmit Signaling Register 5
383
75
XS6
W
Transmit Signaling Register 6
383
76
XS7
W
Transmit Signaling Register 7
383
77
XS8
W
Transmit Signaling Register 8
383
78
XS9
W
Transmit Signaling Register 9
383
79
XS10
W
Transmit Signaling Register 10
383
7A
XS11
W
Transmit Signaling Register 11
383
7B
XS12
W
Transmit Signaling Register 12
383
80
PC1
R/W
Port Configuration 1
384
81
PC2
R/W
Port Configuration 2
384
82
PC3
R/W
Port Configuration 3
384
83
PC4
R/W
Port Configuration 4
384
84
PC5
R/W
Port Configuration 5
386
85
GPC1
R/W
Global Port Configuration 1
387
86
PC6
R/W
Port Configuration 6
388
x87
CMDR2
W
Command Register 2
389
88
CMDR3
W
Command Register 3
389
89
CMDR4
W
Command Register 4
390
Table 63
T1/J1 Control Register Address Arrangement (cont’d)
Address
Register
Type
Comment
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com