Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 326 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 326 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 322Page - Infineon Technologies AG PEB2256HT Datasheet HTML 323Page - Infineon Technologies AG PEB2256HT Datasheet HTML 324Page - Infineon Technologies AG PEB2256HT Datasheet HTML 325Page - Infineon Technologies AG PEB2256HT Datasheet HTML 326Page - Infineon Technologies AG PEB2256HT Datasheet HTML 327Page - Infineon Technologies AG PEB2256HT Datasheet HTML 328Page - Infineon Technologies AG PEB2256HT Datasheet HTML 329Page - Infineon Technologies AG PEB2256HT Datasheet HTML 330Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 326 / 490 page
background image
FALC56 V1.2
PEB 2256
E1 Registers
Data Sheet
326
2002-08-27
HA12, HA02
High Byte Address Compare - HDLC Channel 2
Significant only if 2-byte address mode is selected.
In operating modes which provide high byte address recognition, the
FALC
® compares the high byte of a 2-byte address with the contents
of two individually programmable registers (RAH1, RAH2) and the
fixed values FE
H and FCH (broadcast address).
Depending on the result of this comparison, the following bit
combinations are possible:
00 = RAH2 has been recognized
01 = Broadcast address has been recognized
10 = RAH1 has been recognized C/R=0 (bit 1)
11 = RAH1 has been recognized C/R=1 (bit 1)
Note: If RAH1, RAH2 contain identical values, a match is indicated by
"10" or "11".
LA2
Low Byte Address Compare - HDLC Channel 2
Significant in HDLC modes only.
The low byte address of a 2-byte address field, or the single address
byte of a 1-byte address field is compared with two registers. (RAL1,
RAL2).
0
= RAL2 has been recognized
1
= RAL1 has been recognized
Signaling Status Register 3 (Read)
Value after reset: 00
H
XDOV3
Transmit Data Overflow - HDLC Channel 3
More than 32 bytes have been written to the XFIFO3.
This bit is reset
– by a transmitter reset command XRES or
– when all bytes in the accessible half of the XFIFO3 have been
moved in the inaccessible half.
XFW3
Transmit FIFO Write Enable - HDLC Channel 3
Data can be written to the XFIFO3.
70
SIS3
XDOV3
XFW3
XREP3
RLI3
CEC3
(9A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com