Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 323 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 323 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 319Page - Infineon Technologies AG PEB2256HT Datasheet HTML 320Page - Infineon Technologies AG PEB2256HT Datasheet HTML 321Page - Infineon Technologies AG PEB2256HT Datasheet HTML 322Page - Infineon Technologies AG PEB2256HT Datasheet HTML 323Page - Infineon Technologies AG PEB2256HT Datasheet HTML 324Page - Infineon Technologies AG PEB2256HT Datasheet HTML 325Page - Infineon Technologies AG PEB2256HT Datasheet HTML 326Page - Infineon Technologies AG PEB2256HT Datasheet HTML 327Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 323 / 490 page
background image
FALC56 V1.2
PEB 2256
E1 Registers
Data Sheet
323
2002-08-27
Receive Byte Count Register 2 (Read)
Value after reset: 00
H
OV2
Counter Overflow - HDLC Channel 2
0 =
Less than or equal to 128 bytes received
1 =
More than 128 bytes received
RBC2(6:0)
Receive Byte Count - HDLC Channel 2
Indicates the length of a received frame.
Receive Byte Count Register 3 (Read)
Value after reset: 00
H
OV3
Counter Overflow - HDLC Channel 3
0 =
Less than or equal to 128 bytes received
1 =
More than 128 bytes received
RBC3(6:0)
Receive Byte Count - HDLC Channel 3
Indicates the length of a received frame.
Signaling Status Register 2 (Read)
Value after reset: 00
H
XDOV2
Transmit Data Overflow - HDLC Channel 2
More than 32 bytes have been written to the XFIFO2.
This bit is reset
• by a transmitter reset command XRES or
• when all bytes in the accessible half of the XFIFO2 have been
moved in the inaccessible half.
70
RBC2
OV2
RBC26
RBC25
RBC24
RBC23
RBC22
RBC21
RBC20
(90)
70
RBC3
OV3
RBC36
RBC35
RBC34
RBC33
RBC32
RBC31
RBC30
(91)
70
SIS2
XDOV2
XFW2
XREP2
RLI2
CEC2
(98)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com