Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 321 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 321 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 317Page - Infineon Technologies AG PEB2256HT Datasheet HTML 318Page - Infineon Technologies AG PEB2256HT Datasheet HTML 319Page - Infineon Technologies AG PEB2256HT Datasheet HTML 320Page - Infineon Technologies AG PEB2256HT Datasheet HTML 321Page - Infineon Technologies AG PEB2256HT Datasheet HTML 322Page - Infineon Technologies AG PEB2256HT Datasheet HTML 323Page - Infineon Technologies AG PEB2256HT Datasheet HTML 324Page - Infineon Technologies AG PEB2256HT Datasheet HTML 325Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 321 / 490 page
background image
FALC56 V1.2
PEB 2256
E1 Registers
Data Sheet
321
2002-08-27
XDU3
Transmit Data Underrun - HDLC Channel 3
Transmitted frame was terminated with an abort sequence because
no data was available for transmission in XFIFO3 and no XME3 was
issued.
Note: Transmitter and XFIFO3 are reset and deactivated if this
condition occurs. They are reactivated not before this interrupt
status register has been read. Thus, XDU3 should not be
masked via register IMR5.
RPF3
Receive Pool Full - HDLC Channel 3
32 bytes of a frame have arrived in the receive FIFO3. The frame is
not yet completely received.
Global Interrupt Status Register (Read)
Value after reset: 00
H
This status register points to pending interrupts sourced by ISR(5:0).
70
GIS
ISR5
ISR4
ISR3
ISR2
ISR1
ISR0
(6E)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com