Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 320 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 320 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 316Page - Infineon Technologies AG PEB2256HT Datasheet HTML 317Page - Infineon Technologies AG PEB2256HT Datasheet HTML 318Page - Infineon Technologies AG PEB2256HT Datasheet HTML 319Page - Infineon Technologies AG PEB2256HT Datasheet HTML 320Page - Infineon Technologies AG PEB2256HT Datasheet HTML 321Page - Infineon Technologies AG PEB2256HT Datasheet HTML 322Page - Infineon Technologies AG PEB2256HT Datasheet HTML 323Page - Infineon Technologies AG PEB2256HT Datasheet HTML 324Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 320 / 490 page
background image
FALC56 V1.2
PEB 2256
E1 Registers
Data Sheet
320
2002-08-27
RME3
Receive Message End - HDLC Channel 3
One complete message of length less than 32 bytes, or the last part
of a frame at least 32 bytes long is stored in the receive FIFO3,
including the status byte.
The complete message length can be determined reading register
RBC3, the number of bytes currently stored in RFIFO3 is given by
RBC3(6:0). Additional information is available in register RSIS3.
RFS3
Receive Frame Start - HDLC Channel 3
This is an early receiver interrupt activated after the start of a valid
frame has been detected, i.e. after an address match (in operation
modes providing address recognition), or after the opening flag
(transparent mode 0) is detected, delayed by two bytes. After an
RFS2 interrupt, the contents of
• RAL1
• RSIS3 bits 3 to 1
are valid and can be read by the CPU.
RDO3
Receive Data Overflow - HDLC Channel 3
This interrupt status indicates that the CPU did not respond fast
enough to an RPF3 or RME3 interrupt and that data in RFIFO3 has
been lost. Even when this interrupt status is generated, the frame
continues to be received when space in the RFIFO3 is available
again.
Note: Whereas the bit RSIS3.RDO3 in the frame status byte
indicates whether an overflow occurred when receiving the
frame currently accessed in the RFIFO3, the ISR5.RDO3
interrupt status is generated as soon as an overflow occurs
and does not necessarily pertain to the frame currently
accessed by the processor.
ALLS3
All Sent - HDLC Channel 3
This bit is set if the last bit of the current frame has been sent
completely and XFIFO3 is empty. This bit is valid in HDLC mode only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com