Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 322 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 322 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 318Page - Infineon Technologies AG PEB2256HT Datasheet HTML 319Page - Infineon Technologies AG PEB2256HT Datasheet HTML 320Page - Infineon Technologies AG PEB2256HT Datasheet HTML 321Page - Infineon Technologies AG PEB2256HT Datasheet HTML 322Page - Infineon Technologies AG PEB2256HT Datasheet HTML 323Page - Infineon Technologies AG PEB2256HT Datasheet HTML 324Page - Infineon Technologies AG PEB2256HT Datasheet HTML 325Page - Infineon Technologies AG PEB2256HT Datasheet HTML 326Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 322 / 490 page
background image
FALC56 V1.2
PEB 2256
E1 Registers
Data Sheet
322
2002-08-27
Receive CAS Register (Read)
Value after reset: not defined
Receive CAS Register (16:1)
Each register except RS1 contains the received CAS bits for two time slots. The received
CAS multiframe is compared to the previously received one. If the contents changed a
CAS multiframe changed interrupt (ISR0.CASC) is generated and informs the user that
a new multiframe has to be read within the next 2 ms. If requests for reading the RS(16:1)
register are ignored, the received data is lost. RS1 contains frame 0 of the CAS
multiframe. MSB is received first.
Additionally a receive signaling data change pointer indicates an update of register
RS(16:1). Refer also to register RSP(2:1).
Access to RS(16:1) registers is only valid if the serial receive signaling access on the
system highway is disabled.
Table 62
Receive CAS Registers (E1)
70
RS1
0
0
0
0
X
Y
X
X
(70)
RS2
A1
B1
C1
D1
A16
B16
C16
D16
(71)
RS3
A2
B2
C2
D2
A17
B17
C17
D17
(72)
RS4
A3
B3
C3
D3
A18
B18
C18
D18
(73)
RS5
A4
B4
C4
D4
A19
B19
C19
D19
(74)
RS6
A5
B5
C5
D5
A20
B20
C20
D20
(75)
RS7
A6
B6
C6
D6
A21
B21
C21
D21
(76)
RS8
A7
B7
C7
D7
A22
B22
C22
D22
(77)
RS9
A8
B8
C8
D8
A23
B23
C23
D23
(78)
RS10
A9
B9
C9
D9
A24
B24
C24
D24
(79)
RS11
A10
B10
C10
D10
A25
B25
C25
D25
(7A)
RS12
A11
B11
C11
D11
A26
B26
C26
D26
(7B)
RS13
A12
B12
C12
D12
A27
B27
C27
D27
(7C)
RS14
A13
B13
C13
D13
A28
B28
C28
D28
(7D)
RS15
A14
B14
C14
D14
A29
B29
C29
D29
(7E)
RS16
A15
B15
C15
D15
A30
B30
C30
D30
(7F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com