Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 347 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 347 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 343Page - Infineon Technologies AG PEB2256HT Datasheet HTML 344Page - Infineon Technologies AG PEB2256HT Datasheet HTML 345Page - Infineon Technologies AG PEB2256HT Datasheet HTML 346Page - Infineon Technologies AG PEB2256HT Datasheet HTML 347Page - Infineon Technologies AG PEB2256HT Datasheet HTML 348Page - Infineon Technologies AG PEB2256HT Datasheet HTML 349Page - Infineon Technologies AG PEB2256HT Datasheet HTML 350Page - Infineon Technologies AG PEB2256HT Datasheet HTML 351Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 347 / 490 page
background image
FALC56 V1.2
PEB 2256
T1/J1 Registers
Data Sheet
347
2002-08-27
Framer Mode Register 1 (Read/Write)
Value after reset: 00
H
CTM
Channel Translation Mode
0 =
Channel translation mode 0
1 =
Channel translation mode 1
The different channel translation modes are described in Table 30 on
page 131.
EDL
Enable DL-Bit Access through Register XDL(3:1)
Only applicable in F4, F24 or F72 frame format.
0 =
Normal operation. The DL-bits are taken from system highway
or if enabled by CCR1.EDLX from the XFIFO of the signaling
controller.
1 =
DL-bit register access. The DL-bit information are taken from
the registers XDL(3:1) and overwrite the DL-bits received on
the system highway (pin XDI) or from the internal XFIFO of the
signaling controller. However, transmission of the contents of
registers XDL(3:1) is disabled if transparent mode is enabled
(FMR4.TM).
PMOD
PCM Mode
For E1 application this bit must be set low. Switching from E1 to T1 or
vice versa the device needs up to 20
µs to settle up to the internal
clocking.
0 =
PCM 30 or E1 mode.
1 =
PCM 24 or T1/J1 mode (see RC0.SJR for T1/J1 selection).
CRC
Enable CRC6
This bit is only significant when using the ESF format.
0
= CRC6 check/generation disabled. For transmit direction, all
CRC bit positions are set.
1
= CRC6 check/generation enabled.
70
FMR1
CTM
EDL
PMOD
CRC
ECM
SSD0
XAIS
(1D)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com