Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 351 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 351 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 347Page - Infineon Technologies AG PEB2256HT Datasheet HTML 348Page - Infineon Technologies AG PEB2256HT Datasheet HTML 349Page - Infineon Technologies AG PEB2256HT Datasheet HTML 350Page - Infineon Technologies AG PEB2256HT Datasheet HTML 351Page - Infineon Technologies AG PEB2256HT Datasheet HTML 352Page - Infineon Technologies AG PEB2256HT Datasheet HTML 353Page - Infineon Technologies AG PEB2256HT Datasheet HTML 354Page - Infineon Technologies AG PEB2256HT Datasheet HTML 355Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 351 / 490 page
background image
FALC56 V1.2
PEB 2256
T1/J1 Registers
Data Sheet
351
2002-08-27
EXZE
Excessive Zeros Detection Enable
Selects error detection mode in the bipolar receive bit stream.
0 =
Only bipolar violations are detected.
1 =
Bipolar violations and zero strings of 8 or more contiguous
zeros in B8ZS code or more than 15 contiguous zeros in AMI
code are detected additionally and counted in the code
violation counter CVC.
LOOP (Read/Write)
Value after reset: 00
H
RTM
Receive Transparent Mode
Setting this bit disconnects control of the internal elastic store from the
receiver. The elastic store is now in a “free running” mode without any
possibility to actualize the time slot assignment to a new frame
position in case of resynchronization of the receiver. This function can
be used together with the “disable AIS to system interface” feature
(FMR2.DAIS) to realize undisturbed transparent reception.
This bit should be enabled in case of unframed data reception mode.
ECLB
Enable Channel Loop-Back
0 =
Disables the channel loop-back.
1 =
Enables the channel loop-back selected by this register.
Note: CAS-BR must be switched off (FMR5.EIBR = 0) while channel
loop back is enabled.
CLA(4:0)
Channel Address For Loop-Back
CLA = 1 to 24 selects the channel.
During loop-back, the contents of the associated outgoing channel on
ports XL1/XDOP/XOID and XL2/XDON is equal to the idle channel
code programmed in register IDLE.
70
LOOP
RTM
ECLB
CLA4
CLA3
CLA2
CLA1
CLA0
(1F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com