Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 353 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 353 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 349Page - Infineon Technologies AG PEB2256HT Datasheet HTML 350Page - Infineon Technologies AG PEB2256HT Datasheet HTML 351Page - Infineon Technologies AG PEB2256HT Datasheet HTML 352Page - Infineon Technologies AG PEB2256HT Datasheet HTML 353Page - Infineon Technologies AG PEB2256HT Datasheet HTML 354Page - Infineon Technologies AG PEB2256HT Datasheet HTML 355Page - Infineon Technologies AG PEB2256HT Datasheet HTML 356Page - Infineon Technologies AG PEB2256HT Datasheet HTML 357Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 353 / 490 page
background image
FALC56 V1.2
PEB 2256
T1/J1 Registers
Data Sheet
353
2002-08-27
SSC(1:0)
Select Sync Conditions
Loss of Frame Alignment (FRS0.LFA or opt. FRS0.LMFA) is declared
if:
00 = 2 out of 4 framing bits
01 = 2 out of 5 framing bits
10 = 2 out of 6 framing bits in F4/12/72 format
10 = 2 out of 6 framing bits per multiframe period in ESF format
11 = 4 consecutive multiframe pattern in ESF format
are incorrect. It depends on the selected multiframe format and
optionally on bit FMR2.SSP which framing bits are observed:
F4:
FT-bits
→ FRS0.LFA
F12, F72:SSP = 0:
FT-bits
→ FRS0.LFA
FS-bits
→ FRS0.LFA and FRS0.LMFA
F12, F72:SSP = 1:
FT
→ FRS0.LFA
FS
→ FRS0.LMFA
ESF: ESF framing bits
→ FRS0.LFA
AUTO
Enable Auto Resynchronization
0 =
The receiver does not re synchronize automatically. Starting a
new synchronization procedure is possible by the bits
FMR0.EXLS or FMR0.FRS.
1 =
Auto-resynchronization is enabled.
FM(1:0)
Select Frame Mode
FM = 0: 12-frame multiframe format (F12, D3/4)
FM = 1: 4-frame multiframe format (F4)
FM = 2: 24-frame multiframe format (ESF)
FM = 3: 72-frame multiframe format (F72, remote switch mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com