Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 354 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 354 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 350Page - Infineon Technologies AG PEB2256HT Datasheet HTML 351Page - Infineon Technologies AG PEB2256HT Datasheet HTML 352Page - Infineon Technologies AG PEB2256HT Datasheet HTML 353Page - Infineon Technologies AG PEB2256HT Datasheet HTML 354Page - Infineon Technologies AG PEB2256HT Datasheet HTML 355Page - Infineon Technologies AG PEB2256HT Datasheet HTML 356Page - Infineon Technologies AG PEB2256HT Datasheet HTML 357Page - Infineon Technologies AG PEB2256HT Datasheet HTML 358Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 354 / 490 page
background image
FALC56 V1.2
PEB 2256
T1/J1 Registers
Data Sheet
354
2002-08-27
Framer Mode Register 5 (Read/Write)
Value after reset: 00
H
EIBR
Enable Internal Bit Robbing Access
0 =
Normal operation.
1 =
A one in this bit position causes the transmitter to send the bit
robbing signaling information stored in the XS(12:1) (ESF, F12,
72) registers or serial CAS in the corresponding time slots.
XLD
Transmit Line Loop-Back (LLB) Down Code
0 =
Normal operation.
1 =
A one in this bit position causes the transmitter to replace
normal transmit data with the LLB down (deactivate) Code
continuously until this bit is reset. The LLB down code is
overwritten by the framing/DL/CRC bits optionally.
XLU
Transmit LLB Up Code
0 =
Normal operation.
1 =
A one in this bit position causes the transmitter to replace
normal transmit data with the LLB up (activate) code
continuously until this bit is reset. The LLB up code is optionally
overwritten by the framing/DL/CRC bits. For proper operation
bit FMR5.XLD must be cleared.
XTM
Transmit Transparent Mode
0 =Ports SYPX/XMFS define the frame/multiframe begin on the
transmit
system
highway.
The
transmitter
is
usually
synchronized on this externally sourced frame boundary and
generates the FS/DL-bits according to this framing. Any change
of the transmit time slot assignment subsequently produces a
change of the FS/DL-bit positions.
1 =
Disconnects the control of the transmit system interface from
the transmitter. The transmitter is now in a free running mode
without any possibility to actualize the multiframe position. The
framing (FS/DL-bits) generated by the transmitter are not
“disturbed“ (in case of changing the transmit time slot
assignment) by the transmit system highway unless register
XC1 is written. This bit should be set if loop-timed application is
70
FMR5
EIBR
XLD
XLU
XTM
SSC2
(21)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com