Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 358 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 358 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 354Page - Infineon Technologies AG PEB2256HT Datasheet HTML 355Page - Infineon Technologies AG PEB2256HT Datasheet HTML 356Page - Infineon Technologies AG PEB2256HT Datasheet HTML 357Page - Infineon Technologies AG PEB2256HT Datasheet HTML 358Page - Infineon Technologies AG PEB2256HT Datasheet HTML 359Page - Infineon Technologies AG PEB2256HT Datasheet HTML 360Page - Infineon Technologies AG PEB2256HT Datasheet HTML 361Page - Infineon Technologies AG PEB2256HT Datasheet HTML 362Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 358 / 490 page
background image
FALC56 V1.2
PEB 2256
T1/J1 Registers
Data Sheet
358
2002-08-27
Release
Depending on the selected multiframe format the alarm is reset when
FALC56 does not detect
– the “bit 2 = 0" condition for three consecutive pulse frames
(all formats if selected),
– the "FS-bit" condition for three consecutive multiframes (F12),
– the "DL pattern" for three times in a row (ESF).
CRCI
Automatic CRC6 Bit Inversion
If set, all CRC bits of one outgoing extended multiframe are inverted
in case a CRC error is flagged for the previous received multiframe.
This function is logically ored with RC0.XCRCI.
XCRCI
Transmit CRC6 Bit Inversion
If set, the CRC bits in the outgoing data stream are inverted before
transmission. This function is logically ored with RC0.CRCI.
RDIS
Receive Data Input Sense
Digital interface, dual-rail:
0 =
Inputs RDIP/RDIN are active low
1 =
Inputs RDIP/RDIN are active high
Digital Interface, CMI:
0 =
Input ROID is active high
1 =
Input ROID is active low
RCO(10:8)
Receive Offset/Receive Frame Marker Offset
Depending on the RP(A to D) pin function different offsets can be
programmed. The SYPR and the RFM pin function cannot be
selected in parallel.
Receive Offset (PC(4:1).RPC(2:0) = 000)
Initial value loaded into the receive bit counter at the trigger edge of
SCLKR when the synchronous pulse on port SYPR is active.
Calculation of delay time T (SCLKR cycles) depends on the value X
of the receive offset register RC(1:0). Refer to register RC1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com