Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 362 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 362 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 358Page - Infineon Technologies AG PEB2256HT Datasheet HTML 359Page - Infineon Technologies AG PEB2256HT Datasheet HTML 360Page - Infineon Technologies AG PEB2256HT Datasheet HTML 361Page - Infineon Technologies AG PEB2256HT Datasheet HTML 362Page - Infineon Technologies AG PEB2256HT Datasheet HTML 363Page - Infineon Technologies AG PEB2256HT Datasheet HTML 364Page - Infineon Technologies AG PEB2256HT Datasheet HTML 365Page - Infineon Technologies AG PEB2256HT Datasheet HTML 366Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 362 / 490 page
background image
FALC56 V1.2
PEB 2256
T1/J1 Registers
Data Sheet
362
2002-08-27
XLT
Transmit Line Tristate
0
= Normal operation
1
=
Transmit line XL1/XL2 or XDOP/XDON are switched into high-
impedance state. If this bit is set the transmit line monitor status
information is frozen (default value after hardware reset).
DAXLT
Disable Automatic Tristating of XL1/2
0 =
Normal operation. If a short is detected on pins XL1/2 the
transmit line monitor sets the XL1/2 outputs into a high-
impedance state.
1 =
If a short is detected on pins XL1/2, the automatic setting of
these pins into a high-impedance state (by the XL-monitor) is
disabled.
Idle Channel Code Register (Read/Write)
Value after reset: 00
H
IDL(7:0)
Idle Channel Code
If channel loop-back is enabled by programming the register
LOOP.ECLB = 1, the contents of the assigned outgoing channel on
ports XL1/XL2 or XDOP/XDON is set equal to the idle channel code
selected by this register.
Additionally, the specified pattern overwrites the contents of all
channels of the outgoing PCM frame selected by the idle channel
registers ICB(3:1). IDL7 is transmitted first.
Transmit DL-Bit Register 1-3 (Read/Write)
Value after reset: 00
H, 00H, 00H
70
IDLE
IDL7
IDL0
(2B)
70
XDL1
XDL17
XDL16
XDL15
XDL14
XDL13
XDL12
XDL11
XDL10
(2C)
XDL2
XDL27
XDL26
XDL25
XDL24
XDL23
XDL22
XDL21
XDL20
(2D)
XDL3
XDL37
XDL36
XDL35
XDL34
XDL33
XDL32
XDL31
XDL30
(2E)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com