Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 359 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 359 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 355Page - Infineon Technologies AG PEB2256HT Datasheet HTML 356Page - Infineon Technologies AG PEB2256HT Datasheet HTML 357Page - Infineon Technologies AG PEB2256HT Datasheet HTML 358Page - Infineon Technologies AG PEB2256HT Datasheet HTML 359Page - Infineon Technologies AG PEB2256HT Datasheet HTML 360Page - Infineon Technologies AG PEB2256HT Datasheet HTML 361Page - Infineon Technologies AG PEB2256HT Datasheet HTML 362Page - Infineon Technologies AG PEB2256HT Datasheet HTML 363Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 359 / 490 page
background image
FALC56 V1.2
PEB 2256
T1/J1 Registers
Data Sheet
359
2002-08-27
Receive Control 1 (Read/Write)
Value after reset: 9C
H
RCO(7:0)
Receive Offset/Receive Frame Marker Offset
Depending on the RP(A to D) pin function different offsets can be
programmed. The SYPR and the RFM pin function cannot be
selected in parallel.
Receive Offset (PC(4:1).RPC(2:0) = 000)
Initial value loaded into the receive bit counter at the trigger edge of
SCLKR when the synchronous pulse on port SYPR is active.
Calculation of delay time T (SCLKR cycles) depends on the value X
of the receive offset register RC(1:0):
system clocking rate: modulo 2.048 MHz (SIC2.SSC2 = 0)
0
≤ T ≤ 4:X = 4 - T
5
≤ T ≤ maximum delay:X = 2052 - T
with maximum delay = (256
×SC/SD) -1
with SC = system clock defined by SIC1.SSC(1:0)+SIC2.SSC2
with SD = system data rate
or
system clocking rate: modulo 1.544 MHz (SIC2.SSC2 = 1)
0
≤ T ≤ 4:X = 4 - T + (7 × SC/SD)
5
≤ T ≤ maximum delay :X = (200 × SC/SD) + 4 - T
with maximum delay = 193
×SC/SD - 1
with SC = system clock defined by SIC1.SSC(1:0)+SIC2.SSC2
with SD = system data rate
Delay time T = time between beginning of time slot 0 at RDO and the
initial edge of SCLKR after SYPR goes active.
See page 168 for further description.
70
RC1
RCO7
RCO5
RCO0
(25)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com