Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 355 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 355 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 351Page - Infineon Technologies AG PEB2256HT Datasheet HTML 352Page - Infineon Technologies AG PEB2256HT Datasheet HTML 353Page - Infineon Technologies AG PEB2256HT Datasheet HTML 354Page - Infineon Technologies AG PEB2256HT Datasheet HTML 355Page - Infineon Technologies AG PEB2256HT Datasheet HTML 356Page - Infineon Technologies AG PEB2256HT Datasheet HTML 357Page - Infineon Technologies AG PEB2256HT Datasheet HTML 358Page - Infineon Technologies AG PEB2256HT Datasheet HTML 359Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 355 / 490 page
background image
FALC56 V1.2
PEB 2256
T1/J1 Registers
Data Sheet
355
2002-08-27
selected. For proper operation the transmit elastic buffer (2
frames, SIC1.XBS(1:0) = 10) has to be enabled.
SSC2
Select Sync Conditions
Only valid in ESF framing format.
Loss of Frame Alignment FRS0.LFA is declared if more than 320
CRC6 errors per second interval are detected.
Transmit Control 0 (Read/Write)
Value after reset: 00
H
BRM
Enable Bit Robbing Marker
A one in this bit marks the robbed bit positions on the system highway.
RSIGM marks the receive and XSIGM marks the transmit robbed bits.
MFBS
Enable pure Multiframe Begin Signals
Only valid if ESF or F72 format is selected.
0 =
RMFB marks the beginning of every received superframe.
Additional pulses are provided every 12 frames when using
ESF/F24 or F72 format.
1 =
RMFB marks the beginning of every received multiframe.
BRFO
Bit Robbing Force One
Setting this bit forces the robbed bits high transmitted on port RDO.
The received signaling data stream for the signaling controller is not
influenced by this bit.
XCO(10:8)
Transmit Offset
Initial value loaded into the transmit bit counter at the trigger edge of
SCLKX when the synchronous pulse on port SYPX or XMFS is active
Refer to register XC1.
70
XC0
BRM
MFBS
BRFO
XCO10
XCO9
XCO8
(22)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com