Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 356 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 356 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 352Page - Infineon Technologies AG PEB2256HT Datasheet HTML 353Page - Infineon Technologies AG PEB2256HT Datasheet HTML 354Page - Infineon Technologies AG PEB2256HT Datasheet HTML 355Page - Infineon Technologies AG PEB2256HT Datasheet HTML 356Page - Infineon Technologies AG PEB2256HT Datasheet HTML 357Page - Infineon Technologies AG PEB2256HT Datasheet HTML 358Page - Infineon Technologies AG PEB2256HT Datasheet HTML 359Page - Infineon Technologies AG PEB2256HT Datasheet HTML 360Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 356 / 490 page
background image
FALC56 V1.2
PEB 2256
T1/J1 Registers
Data Sheet
356
2002-08-27
Transmit Control 1 (Read/Write)
Value after reset: 9C
H
A write access to this address resets the transmit elastic buffer to its
basic starting position. Therefore, updating the value should only be
done when the FALC56 is initialized or when the buffer should be
centered. As a consequence a transmit slip will occur.
XCO(7:0)
Transmit Offset
Initial value loaded into the transmit bit counter at the trigger edge of
SCLKX when the synchronous pulse on port SYPX/XMFS is active.
Calculation of delay time T (SCLKX cycles) depends on the value X
of the transmit offset register XC(1:0):
system clocking rate: modulo 2.048 MHz (SIC2.SSC2 = 0)
0
≤ T ≤ 4: X = 4 - T
5
≤ T ≤ maximum delay:X = 256 × SC/SD - T + 4)
with maximum delay = (256
× SC/SD) -1
with SC = system clock defined by SIC1.SSC(1:0)+SIC2.SSC2
with SD = 2.048 Mbit/s (system clocking n
× 2.048 MHz)
or
system clocking rate: modulo 1.544 MHz (SIC2.SSC2 = 1)
0
≤ T ≤ 4: X = 3 - T + 7 × SC/BF
5
≤ T ≤ maximum delay:X = 200 × SC/BF - T + 3
with SC = system clock defined by SIC1.SSC(1:0)+SIC2.SSC2
SD = 1.544 Mbit/s (system clocking n
× 1.544 MHz)
with BF = basic frequency = 1.544 MHz
T = Time between the active edge of SCLKX after SYPX pulse begin
and beginning of the next frame (F-bit, channel phase 0), measured
in number of SCLKX clock intervals; maximum delay:
T
max =(200 × SC/BF)-(7 × SC/BF)-1
See page 178 for further description.
70
XC1
XCO7
XCO0
(23)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com