Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 360 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 360 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 356Page - Infineon Technologies AG PEB2256HT Datasheet HTML 357Page - Infineon Technologies AG PEB2256HT Datasheet HTML 358Page - Infineon Technologies AG PEB2256HT Datasheet HTML 359Page - Infineon Technologies AG PEB2256HT Datasheet HTML 360Page - Infineon Technologies AG PEB2256HT Datasheet HTML 361Page - Infineon Technologies AG PEB2256HT Datasheet HTML 362Page - Infineon Technologies AG PEB2256HT Datasheet HTML 363Page - Infineon Technologies AG PEB2256HT Datasheet HTML 364Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 360 / 490 page
background image
FALC56 V1.2
PEB 2256
T1/J1 Registers
Data Sheet
360
2002-08-27
Receive Frame Marker Offset (PC(4:1).RPC(2:0) = 001
B)
Offset programming of the receive frame marker which is output on
multifunction port RFM. The receive frame marker can be activated
during any bit position of the entire frame and depends on the
selected system clock rate.
Calculation of the value X of the receive offset register RC(1:0)
depends on the bit position which should be marked at marker
position MP:
system clocking rate: modulo 2.048 MHz (SIC2.SSC2 = 0)
0
≤ MP ≤ 2045:X = MP + 2
2046
≤ MP ≤ 2047:X = MP - 2046)
e.g: 2.048 MHz: MP = 0 to 255; 4.096 MHz: MP = 0 to 511,
8.192 MHz: MP = 0 to 1023, 16.384 MHz: MP = 0 to 2047
system clocking rate: modulo 1.544 MHz (SIC2.SSC2 = 1)
0
≤ MP ≤ 193 × (SC/SD) - 3:X = MP + 2 + 7 × SC/SD
193
× (SC/SD) -2 ≤ MP ≤ maximum delay:X = MP + 2 - 186 × SC/
SD
with maximum delay = 193
×SC/SD - 1
with SC = system clock defined by SIC1.SSC(1:0)+SIC2.SSC2
with SD = system data rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com