Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 364 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 364 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 360Page - Infineon Technologies AG PEB2256HT Datasheet HTML 361Page - Infineon Technologies AG PEB2256HT Datasheet HTML 362Page - Infineon Technologies AG PEB2256HT Datasheet HTML 363Page - Infineon Technologies AG PEB2256HT Datasheet HTML 364Page - Infineon Technologies AG PEB2256HT Datasheet HTML 365Page - Infineon Technologies AG PEB2256HT Datasheet HTML 366Page - Infineon Technologies AG PEB2256HT Datasheet HTML 367Page - Infineon Technologies AG PEB2256HT Datasheet HTML 368Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 364 / 490 page
background image
FALC56 V1.2
PEB 2256
T1/J1 Registers
Data Sheet
364
2002-08-27
Idle Channel Register (Read/Write)
Value after reset: 00
H, 00H, 00H, 00H
IC(24:1)
Idle Channel Selection Bits
These bits define the channels (time slots) of the outgoing PCM frame
to be altered.
0 =
Normal operation.
1 =
Idle channel mode. The contents of the selected channel is
overwritten by the idle channel code defined by register IDLE.
Line Interface Mode 0 (Read/Write)
Value after reset: 00
H
XFB
Transmit Full Bauded Mode
Only applicable for dual-rail mode (bit LIM1.DRS = 1).
0 =
Output
signals
XDOP/XDON
are
half
bauded
(normal
operation).
1 =
Output signals XDOP/XDON are full bauded.
Note: If CMI coding is selected (FMR0.XC(1:0) = 01) this bit has to
be cleared.
70
ICB1
IC1
IC2
IC3
IC4
IC5
IC6
IC7
IC8
(32)
ICB2
IC9
IC10IC11IC12IC13IC14IC15IC16
(33)
ICB3
IC17
IC18
IC19
IC20
IC21
IC22
IC23
IC24
(34)
70
LIM0
XFB
XDOS
EQON
RLM
LL
MAS
(36)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com