Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 368 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 368 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 364Page - Infineon Technologies AG PEB2256HT Datasheet HTML 365Page - Infineon Technologies AG PEB2256HT Datasheet HTML 366Page - Infineon Technologies AG PEB2256HT Datasheet HTML 367Page - Infineon Technologies AG PEB2256HT Datasheet HTML 368Page - Infineon Technologies AG PEB2256HT Datasheet HTML 369Page - Infineon Technologies AG PEB2256HT Datasheet HTML 370Page - Infineon Technologies AG PEB2256HT Datasheet HTML 371Page - Infineon Technologies AG PEB2256HT Datasheet HTML 372Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 368 / 490 page
background image
FALC56 V1.2
PEB 2256
T1/J1 Registers
Data Sheet
368
2002-08-27
Pulse Count Recovery (Read/Write)
Value after reset: 00
H
PCR(7:0)
Pulse Count Recovery
A LOS alarm (red alarm) is cleared if a pulse-density is detected in the
received bit stream. The number of pulses M which must occur in the
predefined PCD time interval is programmable by the PCR register
and can be calculated as follows:
M = N+1; with 0
≤ N ≤ 255.
The time interval starts with the first detected pulse transition. With
every received pulse a counter is incremented and the actual counter
is compared to the contents of PCR register. If the pulse number
reaches or exceeds the PCR value the LOS alarm is reset otherwise
the alarm stays active. In this case the next detected pulse transition
starts a new time interval.
An additional loss-of-signal recovery condition is selected by register
LIM2.LOS1.
70
PCR
PCR7
PCR0
(39)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com