Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 372 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 372 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 368Page - Infineon Technologies AG PEB2256HT Datasheet HTML 369Page - Infineon Technologies AG PEB2256HT Datasheet HTML 370Page - Infineon Technologies AG PEB2256HT Datasheet HTML 371Page - Infineon Technologies AG PEB2256HT Datasheet HTML 372Page - Infineon Technologies AG PEB2256HT Datasheet HTML 373Page - Infineon Technologies AG PEB2256HT Datasheet HTML 374Page - Infineon Technologies AG PEB2256HT Datasheet HTML 375Page - Infineon Technologies AG PEB2256HT Datasheet HTML 376Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 372 / 490 page
background image
FALC56 V1.2
PEB 2256
T1/J1 Registers
Data Sheet
372
2002-08-27
Loop Code Register 2 (Read/Write)
Value after reset: 00
H
LDC(7:0)
Line Loop-Back Deactivate Code
If
enabled
by
bit
FMR5.XLD = 1
the
LLB
deactivate
code
automatically repeats until the LLB generator is stopped. Transmit
data is overwritten by the LLB code. LDC0 is transmitted last. For
correct operations bit LCR1.XPRBS has to cleared.
If LCR2 is changed while the previous deactivate code has been
detected and is still received, bit FRS1.LLBDD will stay active until the
incoming
signal
changes
or
a
receiver
reset
is
initiated
(CMDR.RRES = 1).
Loop Code Register 3 (Read/Write)
Value after reset: 00
H
LAC(7:0)
Line Loop-Back Activate Code
If enabled by bit FMR5.XLU = 1 the LLB activate code automatically
repeats until the LLB generator is stopped. Transmit data is
overwritten by the LLB code. LAC0 is transmitted last. For correct
operations bit LCR1.XPRBS has to cleared.
If LCR3 is changed while the previous activate code has been
detected and is still received, bit FRS1.LLBAD will stay active until the
incoming
signal
changes
or
a
receiver
reset
is
initiated
(CMDR.RRES = 1).
70
LCR2
LDC7
LDC0
(3C)
70
LCR3
LAC7
LAC0
(3D)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com