Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 375 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 375 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 371Page - Infineon Technologies AG PEB2256HT Datasheet HTML 372Page - Infineon Technologies AG PEB2256HT Datasheet HTML 373Page - Infineon Technologies AG PEB2256HT Datasheet HTML 374Page - Infineon Technologies AG PEB2256HT Datasheet HTML 375Page - Infineon Technologies AG PEB2256HT Datasheet HTML 376Page - Infineon Technologies AG PEB2256HT Datasheet HTML 377Page - Infineon Technologies AG PEB2256HT Datasheet HTML 378Page - Infineon Technologies AG PEB2256HT Datasheet HTML 379Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 375 / 490 page
background image
FALC56 V1.2
PEB 2256
T1/J1 Registers
Data Sheet
375
2002-08-27
SSF
Serial Signaling Format
Only applicable if pin function RSIG/XSIG and SIC3.TTRF = 0 is
selected.
0 =
Bits 1 to 4 in all time slots except time slot 0 are cleared.
1 =
Bits 1 to 4 in all time slots except time slot 0 are set high.
CRB
Center Receive Elastic Buffer
Only
applicable
if
the
time
slot
assigner
is
disabled
(PC(4:1).RPC(2:0) = 001
B), no external or internal synchronous pulse
receive is generated.
A transition from low to high forces a receive slip and the read pointer
of the receive elastic buffer is centered. The delay through the buffer
is set to one half of the current buffer size. It should be hold high for
at least two 1.544 MHz periods before it is cleared.
SSC2
Select System Clock
This bit together with SIC1.SSC1/0 enables the system interface to
run with a clock of 1.544, 3.088, 6.176 or 12.352 MHz (SSC2 = 1) or
2.048, 4.096, 8.192 or 16.384 MHz (SSC2 = 0).
See also register SIC1.SSC1/0 on page 373.
SICS(2:0)
System Interface Channel Select
Only
applicable
if
the
system
clock
rate
is
greater
than
1.544
⁄2.048MHz.
Received data is transmitted on pin RDO/RSIG or received on
XDI
⁄XSIG with the selected system data rate. If the data rate is greater
than 1.544/2.048 Mbit/s the data is output or sampled in half, a
quarter or one eighth of the time slot. Data is not repeated. The time
while data is active during a 8
× 488/648 ns time slot is called a
channel phase. RDO/RSIG are cleared (driven to low level) while
XDI
⁄XSIG are ignored for the remaining time of the 8 × 488/648 ns or
for the remaining channel phases. The channel phases are selectable
with these bits.
000 =
Data active in channel phase 1, valid if system data rate is
16/8/4 or 12/6/3 Mbit/s
001 =
Data active in channel phase 2, valid if data rate is 16/8/4 or
12/6/3 Mbit/s
010 =
Data active in channel phase 3, valid if data rate is 16/8 or
12/6 Mbit/s
011 =
Data active in channel phase 4, valid if data rate is 16/8 or
12/6 Mbit/s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com