Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 374 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 374 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 370Page - Infineon Technologies AG PEB2256HT Datasheet HTML 371Page - Infineon Technologies AG PEB2256HT Datasheet HTML 372Page - Infineon Technologies AG PEB2256HT Datasheet HTML 373Page - Infineon Technologies AG PEB2256HT Datasheet HTML 374Page - Infineon Technologies AG PEB2256HT Datasheet HTML 375Page - Infineon Technologies AG PEB2256HT Datasheet HTML 376Page - Infineon Technologies AG PEB2256HT Datasheet HTML 377Page - Infineon Technologies AG PEB2256HT Datasheet HTML 378Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 374 / 490 page
background image
FALC56 V1.2
PEB 2256
T1/J1 Registers
Data Sheet
374
2002-08-27
RBS(1:0)
Receive Buffer Size
00 = Buffer size: 2 frames
01 = Buffer size: 1 frame
10 = Buffer size: 96 bits
11 = Bypass of receive elastic store
BIM
Bit Interleaved Mode
Only applicable if bit SIC2.SSC2 is cleared. If SIC2.SSC2 is set high,
the bit interleaved mode is automatically performed.
0 =
Byte interleaved mode
1 =
Bit interleaved mode
XBS(1:0)
Transmit Buffer Size
00 = Bypass of transmit elastic store
01 = Buffer size: 1 frame
10 = Buffer size: 2 frames
11 = Buffer size: 96 bits
System Interface Control 2 (Read/Write)
Value after reset: 00H
FFS
Force Freeze Signaling
Setting this bit disables updating of the receive signaling buffer and
current signaling information is frozen. After resetting this bit and
receiving a complete superframe updating of the signaling buffer is
started again. The freeze signaling status can also be generated
automatically by detection of a loss-of-signal alarm or a loss of frame
alignment or a receive slip (only if external register access through
RSIG is enabled). This automatic freeze signaling function is logically
ored with this bit.
The current internal freeze signaling status is output on pin RP(A to
D) with selected pin function FREEZE (PC(4:1).RPC(2:0) = 110).
Additionally this status is also available in register SIS.SFS.
70
SIC2
FFS
SSF
CRB
SSC2
SICS2
SICS1
SICS0
(3F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com