Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 371 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 371 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 367Page - Infineon Technologies AG PEB2256HT Datasheet HTML 368Page - Infineon Technologies AG PEB2256HT Datasheet HTML 369Page - Infineon Technologies AG PEB2256HT Datasheet HTML 370Page - Infineon Technologies AG PEB2256HT Datasheet HTML 371Page - Infineon Technologies AG PEB2256HT Datasheet HTML 372Page - Infineon Technologies AG PEB2256HT Datasheet HTML 373Page - Infineon Technologies AG PEB2256HT Datasheet HTML 374Page - Infineon Technologies AG PEB2256HT Datasheet HTML 375Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 371 / 490 page
background image
FALC56 V1.2
PEB 2256
T1/J1 Registers
Data Sheet
371
2002-08-27
LDC(1:0)
Length Deactivate (Down) Code
These bits defines the length of the LLB deactivate code which is
programmable in register LCR2.
00 = Length: 5 bit
01 = Length: 6 bit, 2 bit, 3 bit
10 = Length: 7 bit
11 = Length: 8 bit, 2 bit, 4bit
LAC(1:0)
Length Activate (Up) Code
These bits defines the length of the LLB activate code which is
programmable in register LCR3.
00 = Length: 5 bit
01 = Length: 6 bit, 2 bit, 3 bit
10 = Length: 7 bit
11 = Length: 8 bit, 2 bit, 4bit
FLLB
Framed Line Loop-Back/Invert PRBS
Depending on bit LCR1.XPRBS this bit enables different functions:
LCR1.XPRBS = 0:
0 =
The line loop-back code is transmitted including framing bits.
LLB code overwrites the FS/DL-bits.
1 =
The line loop-back code is transmitted unframed. LLB code
does not overwrite the FS/DL-bits.
Invert PRBS
LCR1.XPRBS = 1:
0 =
The generated PRBS is transmitted not inverted.
1 =
The PRBS is transmitted inverted.
LLBP
Line Loop-Back Pattern
LCR1.XPRBS = 0
0 =
Fixed line loop-back code according to ANSI T1. 403.
1 =
Enable user-programmable line loop-back code by register
LCR2/3.
LCR1.XPRBS = 1 or LCR1.EPRM = 1
0=
2
15 -1
1=
2
20 -1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com