Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 381 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 381 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 377Page - Infineon Technologies AG PEB2256HT Datasheet HTML 378Page - Infineon Technologies AG PEB2256HT Datasheet HTML 379Page - Infineon Technologies AG PEB2256HT Datasheet HTML 380Page - Infineon Technologies AG PEB2256HT Datasheet HTML 381Page - Infineon Technologies AG PEB2256HT Datasheet HTML 382Page - Infineon Technologies AG PEB2256HT Datasheet HTML 383Page - Infineon Technologies AG PEB2256HT Datasheet HTML 384Page - Infineon Technologies AG PEB2256HT Datasheet HTML 385Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 381 / 490 page
background image
FALC56 V1.2
PEB 2256
T1/J1 Registers
Data Sheet
381
2002-08-27
Global Configuration Register (Read/Write)
Value after reset: 00H
VIS
Masked Interrupts Visible
0 =
Masked interrupt status bits are not visible in registers ISR(5:0).
1 =
Masked interrupt status bits are visible in ISR(5:0), but they are
not visible in registers GIS.
SCI
Status Change Interrupt
0 =
Interrupts are generated either on activation or deactivation of
the internal interrupt source.
1 =
The following interrupts are activated both on activation and
deactivation of the internal interrupt source:
ISR2.LOS, ISR2.AIS and ISR0.PDEN
SES
Select External Second Timer
0 =
Internal second timer selected
1 =
External second timer selected
ECMC
Error Counter Mode COFA
0 =
Not defined; reserved for future applications.
1 =
A Change of Frame or Multiframe Alignment COFA is detected
since the last resynchronization. The events are accumulated
in the COFA event counter COEC.(1:0).
Multiframe periods received in the asynchronous state are
accumulated in the COFA event counter COEC.(7:2).
An overflow of each counter is disabled.
PD
Power Down
Switches between power-up and power-down mode.
0=
Power up
1=
Power down
All outputs are driven inactive, except the multifunction ports,
which are weakly driven high by the internal pullup devices.
70
GCR
VIS
SCI
SES
ECMC
PD
(46)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com