Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 380 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 380 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 376Page - Infineon Technologies AG PEB2256HT Datasheet HTML 377Page - Infineon Technologies AG PEB2256HT Datasheet HTML 378Page - Infineon Technologies AG PEB2256HT Datasheet HTML 379Page - Infineon Technologies AG PEB2256HT Datasheet HTML 380Page - Infineon Technologies AG PEB2256HT Datasheet HTML 381Page - Infineon Technologies AG PEB2256HT Datasheet HTML 382Page - Infineon Technologies AG PEB2256HT Datasheet HTML 383Page - Infineon Technologies AG PEB2256HT Datasheet HTML 384Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 380 / 490 page
background image
FALC56 V1.2
PEB 2256
T1/J1 Registers
Data Sheet
380
2002-08-27
IRSP
Internal Receive System Frame Sync Pulse
0 =
The frame sync pulse for the receive system interface is
sourced by SYPR (if SYPR is applied). If SYPR is not applied,
the frame sync pulse is derived from RDO output signal
internally free running).
The use of IRSP = 0 is recommended.
1 =
The frame sync pulse for the receive system interface is
internally sourced by the DCO-R circuitry. This internally
generated frame sync signal can be output (active low) on
multifunction ports RP(A to D) (RPC(2:0) = 001
B).
Note: This is the only exception where the use of RFM and
SYPR is allowed at the same time. Because only one set of
offset registers (RC1/0) is available, programming is done by
using the SYPR calculation formula in the same way as for the
external SYPR pulse. Bit IRSC must be set for correct
operation.
IRSC
Internal Receive System Clock
0 =
The working clock for the receive system interface is sourced
by SCLKR of or in receive elastic buffer bypass mode from the
corresponding extracted receive clock RCLK.
1 =
The working clock for the receive system interface is sourced
internally by DCO-R or in bypass mode by the extracted receive
clock. SCLKR is ignored.
IXSP
Internal Transmit System Frame Sync Pulse
0 =
The frame sync pulse for the transmit system interface is
sourced by SYPX.
1 =
The frame sync pulse for the transmit system interface is
internally sourced by the DCO-R circuitry. Additionally, the
external XMFS signal defines the transmit multiframe begin.
XMFS is enabled or disabled by the multifunction port
configuration. For correct operation bits CMR2.IXSC/IRSC
must be set. SYPX is ignored.
IXSC
Internal Transmit System Clock
0 =
The working clock for the transmit system interface is sourced
by SCLKX.
1 =
The working clock for the transmit system interface is sourced
internally by the working clock of the receive system interface.
SCLKX is ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com