Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 435 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 435 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 431Page - Infineon Technologies AG PEB2256HT Datasheet HTML 432Page - Infineon Technologies AG PEB2256HT Datasheet HTML 433Page - Infineon Technologies AG PEB2256HT Datasheet HTML 434Page - Infineon Technologies AG PEB2256HT Datasheet HTML 435Page - Infineon Technologies AG PEB2256HT Datasheet HTML 436Page - Infineon Technologies AG PEB2256HT Datasheet HTML 437Page - Infineon Technologies AG PEB2256HT Datasheet HTML 438Page - Infineon Technologies AG PEB2256HT Datasheet HTML 439Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 435 / 490 page
background image
FALC56 V1.2
PEB 2256
T1/J1 Registers
Data Sheet
435
2002-08-27
RFS2
Receive Frame Start - HDLC Channel 2
This is an early receiver interrupt activated after the start of a valid
frame has been detected, i.e. after an address match (in operation
modes providing address recognition), or after the opening flag
(transparent mode 0) is detected, delayed by two bytes. After an
RFS2 interrupt, the contents of
• RAL1
• RSIS2 bits 3 to 1
are valid and can be read by the CPU.
RDO2
Receive Data Overflow - HDLC Channel 2
This interrupt status indicates that the CPU did not respond fast
enough to an RPF2 or RME2 interrupt and that data in RFIFO2 has
been lost. Even when this interrupt status is generated, the frame
continues to be received when space in the RFIFO2 is available
again.
Note: Whereas the bit RSIS2.RDO2 in the frame status byte
indicates whether an overflow occurred when receiving the
frame currently accessed in the RFIFO2, the ISR4.RDO2
interrupt status is generated as soon as an overflow occurs
and does not necessarily pertain to the frame currently
accessed by the processor.
ALLS2
All Sent - HDLC Channel 2
This bit is set if the last bit of the current frame has been sent
completely and XFIFO2 is empty. This bit is valid in HDLC mode only.
XDU2
Transmit Data Underrun - HDLC Channel 2
Transmitted frame was terminated with an abort sequence because
no data was available for transmission in XFIFO2 and no XME2 was
issued.
Note: Transmitter and XFIFO2 are reset and deactivated if this
condition occurs. They are reactivated not before this interrupt
status register has been read. Thus, XDU2 should not be
masked via register IMR4.
RPF2
Receive Pool Full - HDLC Channel 2
32 bytes of a frame have arrived in the receive FIFO2. The frame is
not yet completely received.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com