Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 438 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 438 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 434Page - Infineon Technologies AG PEB2256HT Datasheet HTML 435Page - Infineon Technologies AG PEB2256HT Datasheet HTML 436Page - Infineon Technologies AG PEB2256HT Datasheet HTML 437Page - Infineon Technologies AG PEB2256HT Datasheet HTML 438Page - Infineon Technologies AG PEB2256HT Datasheet HTML 439Page - Infineon Technologies AG PEB2256HT Datasheet HTML 440Page - Infineon Technologies AG PEB2256HT Datasheet HTML 441Page - Infineon Technologies AG PEB2256HT Datasheet HTML 442Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 438 / 490 page
background image
FALC56 V1.2
PEB 2256
T1/J1 Registers
Data Sheet
438
2002-08-27
Receive Signaling Register (Read)
Value after reset: not defined
Receive Signaling Register 1 to 12
Each register contains the received bit robbing information for 8 DS0 channels. The
received robbed bit signaling information of a complete ESF multiframe is compared to
the previously received one. In F12/72 frame format the received signaling information
of every 24 frames is compared to the previously received 24 frames. If the contents
changed a Receive Signaling Changed interrupt ISR0.RSC is generated and informs the
user that a new multiframe has to be read within the next 3 ms. Received data is stored
in RS(12:1) registers. The RS1.7 is received in channel 1 frame 1 and RS12.0 in channel
24 frame 24 (ESF).
If requests for reading the RS(12:1) registers are ignored, received data might get lost.
Additionally a receive signaling data change pointer indicates an update of register
RS(12:1). Refer also to register RSP(2:1).
Access to RS(12:1) registers is only valid if the serial receive signaling access on the
system highway is disabled.
Table 69
Receive Signaling Registers (T1/J1)
70
RS1
A1
B1
C1/A2
D1/B2
A2/A3
B2/B3
C2/A4
D2/B4
(70)
RS2
A3/A5
B3/B5
C3/A6
D3/B6
A4/A7
B4/B7
C4/A8
D4/B8
(71)
RS3
A5/A9
B5/B9
C5/A10
D5/B10
A6/A11
B6/B11
C6/A12
D6/B12
(72)
RS4
A7/A13
B7/B13
C7/A14
D7/B14
A8/A15
B8/B15
C8/A16
D8/B16
(73)
RS5
A9/A17
B9/B17
C9/A18
D9/B18
A10/A19 B10/B19 C10/A20 D10/B20
(74)
RS6
A11/A21 B11/B21 C11/A22 D11/B22 A12/A23 B12/B23 C12/A24 D12/B24
(75)
RS7
A13/A1
B13/B1
C13/A2
D13/B2
A14/A3
B14/B3
C14/A4
D14/B4
(76)
RS8
A15/A5
B15/B5
C15/A6
D15/B6
A16/A7
B16/B7
C16/A8
D16/B8
(77)
RS9
A17/A9
B17/B9
C17/A10 D17/B10 A18/A11 B18/B11 C18/A12 D18/B12
(78)
RS10
A19/A13 B19/B13 C19/A14 D19/B14 A20/A15 B20/B15 C20/A16 D20/B16
(79)
RS11
A21/A17 B21/B17 C21/A18 D21/B18 A22/A19 B22/B19 C22/A20 D22/B20
(7A)
RS12
A23/A21 B23/B21 C23/A22 D23/B22 A24/A23 B24/B23 C24/A24 D24/B24
(7B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com