Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 436 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 436 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 432Page - Infineon Technologies AG PEB2256HT Datasheet HTML 433Page - Infineon Technologies AG PEB2256HT Datasheet HTML 434Page - Infineon Technologies AG PEB2256HT Datasheet HTML 435Page - Infineon Technologies AG PEB2256HT Datasheet HTML 436Page - Infineon Technologies AG PEB2256HT Datasheet HTML 437Page - Infineon Technologies AG PEB2256HT Datasheet HTML 438Page - Infineon Technologies AG PEB2256HT Datasheet HTML 439Page - Infineon Technologies AG PEB2256HT Datasheet HTML 440Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 436 / 490 page
background image
FALC56 V1.2
PEB 2256
T1/J1 Registers
Data Sheet
436
2002-08-27
Interrupt Status Register 5 (Read)
All bits are reset when ISR5 is read.
If bit GCR.VIS is set, interrupt statuses in ISR5 are flagged although they are masked
via register IMR5. However, these masked interrupt statuses neither generate a signal
on INT, nor are visible in register GIS.
XPR2
Transmit Pool Ready - HDLC Channel 2
A data block of up to 32 bytes can be written to the transmit FIFO2.
XPR2 enables the fastest access to XFIFO2. It has to be used for
transmission of long frames, back-to-back frames or frames with
shared flags.
XPR3
Transmit Pool Ready - HDLC Channel 3
A data block of up to 32 bytes can be written to the transmit FIFO3.
XPR3 enables the fastest access to XFIFO3. It has to be used for
transmission of long frames, back-to-back frames or frames with
shared flags.
RME3
Receive Message End - HDLC Channel 3
One complete message of length less than 32 bytes, or the last part
of a frame at least 32 bytes long is stored in the receive FIFO3,
including the status byte.
The complete message length can be determined reading register
RBC3, the number of bytes currently stored in RFIFO3 is given by
RBC3(6:0). Additional information is available in register RSIS3.
RFS3
Receive Frame Start - HDLC Channel 3
This is an early receiver interrupt activated after the start of a valid
frame has been detected, i.e. after an address match (in operation
modes providing address recognition), or after the opening flag
(transparent mode 0) is detected, delayed by two bytes. After an
RFS2 interrupt, the contents of
• RAL1
• RSIS3 bits 3 to 1
are valid and can be read by the CPU.
70
ISR5
XPR2
XPR3
RME3
RFS3
RDO3
ALLS3
XDU3
RPF3
(6D)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com