Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 123 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 123 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 119Page - Infineon Technologies AG PEB2256HT Datasheet HTML 120Page - Infineon Technologies AG PEB2256HT Datasheet HTML 121Page - Infineon Technologies AG PEB2256HT Datasheet HTML 122Page - Infineon Technologies AG PEB2256HT Datasheet HTML 123Page - Infineon Technologies AG PEB2256HT Datasheet HTML 124Page - Infineon Technologies AG PEB2256HT Datasheet HTML 125Page - Infineon Technologies AG PEB2256HT Datasheet HTML 126Page - Infineon Technologies AG PEB2256HT Datasheet HTML 127Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 490 page
background image
FALC56 V1.2
PEB 2256
Functional Description T1/J1
Data Sheet
123
2002-08-27
5.1.7
Receive Line Monitoring Mode
For short-haul applications like shown in Figure 43, the receive equalizer can be
switched into receive line monitoring mode (LIM0.RLM = 1). One device is used as a
short-haul receiver while the other is used as a short-haul monitor. In this mode the
receiver sensitivity is increased to detect an incoming signal of -20 dB resistive
attenuation. The required resistor values are given in Table 27.
Figure 43
Receive Line Monitoring
Using the receive line monitor mode and the hardware tristate function of transmit lines
XL1/2, the FALC56 now supports applications connecting two devices to one receive
Table 27
External Component Recommendations (Monitoring)
Parameter
1)
1)
This includes all parasitic effects caused by circuit board design.
Characteristic Impedance [
Ω]
T1
J1
100
110
R
1 (± 1 %) [Ω]100
110
R
2 (± 1 %) [Ω]100
110
R
3 (± 1 %) [Ω]430
470
t
2 : t1
1 : 1
1 : 1
FALC®
(Receiver)
FALC®
(Monitor)
RL1
E1/T1/J1
Receive
Line
LIM0.RLM=0
LIM0.RLM=1
R1
R2
R3
R3
RL2
RL1
RL2
t2 : t1
t2 : t1
resistive -20 dB network
F0074



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com