Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 121 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 121 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 117Page - Infineon Technologies AG PEB2256HT Datasheet HTML 118Page - Infineon Technologies AG PEB2256HT Datasheet HTML 119Page - Infineon Technologies AG PEB2256HT Datasheet HTML 120Page - Infineon Technologies AG PEB2256HT Datasheet HTML 121Page - Infineon Technologies AG PEB2256HT Datasheet HTML 122Page - Infineon Technologies AG PEB2256HT Datasheet HTML 123Page - Infineon Technologies AG PEB2256HT Datasheet HTML 124Page - Infineon Technologies AG PEB2256HT Datasheet HTML 125Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 490 page
background image
FALC56 V1.2
PEB 2256
Functional Description T1/J1
Data Sheet
121
2002-08-27
The intrinsic jitter generated in the absence of any input jitter is not more than 0.035 UI.
In digital bipolar line interface mode the clock and data recovery requires HDB3 coded
signals with 50% duty cycle.
5.1.6
Receive Line Coding (T1/J1)
The B8ZS line code or the AMI (ZCS, zero code suppression) coding is provided for the
data received from the ternary or the dual-rail interface. All code violations that do not
correspond to zero substitution rules are detected. The detected errors increment the
code violation counter (16 bits length). In case of the optical interface a selection
between the NRZ code and the CMI Code (1T2B) with B8ZS or AMI postprocessing is
provided. If CMI code is selected the receive route clock is recovered from the data
stream. The CMI decoder does not correct any errors. In case of NRZ coding data is
latched with the falling edge RCLKI.
When using the optical interface with NRZ coding, the decoder is bypassed and no code
violations are detected.
Additionally, the receive line interface contains the alarm detection for Alarm Indication
Signal AIS (Blue Alarm) and the loss-of-signal LOS (Red Alarm).
The signal at the ternary interface is received at both ends of a transformer.
Table 25
RCLK Output Selection (T1/J1)
Clock Source
RCLK Frequency
CMR1.
DCS
CMR1.
RS1/0
SIC2.
SSC2
Receive Data
(1.544 Mbit/s on RL1/RL2,
RDIP/RDIN or ROID)
1.544 MHz
X
00
X
Receive Data
in case of LOS
constant high
X
01
X
1.544 MHz
(generated by DCO-R,
synchronized on SYNC)
110
1
DCO-R
1.544 MHz
X
10
1
2.048 MHz
X
10
0
6.176 MHz
X
11
1
8.192 MHz
X
11
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com