Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 120 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 120 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 116Page - Infineon Technologies AG PEB2256HT Datasheet HTML 117Page - Infineon Technologies AG PEB2256HT Datasheet HTML 118Page - Infineon Technologies AG PEB2256HT Datasheet HTML 119Page - Infineon Technologies AG PEB2256HT Datasheet HTML 120Page - Infineon Technologies AG PEB2256HT Datasheet HTML 121Page - Infineon Technologies AG PEB2256HT Datasheet HTML 122Page - Infineon Technologies AG PEB2256HT Datasheet HTML 123Page - Infineon Technologies AG PEB2256HT Datasheet HTML 124Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 490 page
background image
FALC56 V1.2
PEB 2256
Functional Description T1/J1
Data Sheet
120
2002-08-27
5.1.3
Receive Equalization Network (T1/J1)
The FALC56 automatically recovers the signals received on pins RL1/2. The maximum
reachable length with a 22 AWG twisted-pair cable is 2000 m (~6560 ft.). After reset the
FALC56 is in short-haul mode, received signals are recovered up to -10 dB of cable
attenuation. Switching into long-haul mode is done by setting of bit LIM0.EQON = 1.
The integrated receive equalization network recovers signals with up to -36 dB of cable
attenuation in long-haul mode. Noise filters eliminate the higher frequency part of the
received signals. The incoming data is peak-detected and sliced to produce the digital
data stream. The slicing level is software selectable in four steps (45%, 50%, 55%, 67%).
The received data is then forwarded to the clock and data recovery unit.
5.1.4
Receive Line Attenuation Indication (T1/J1)
Status register RES reports the current receive line attenuation in a range from 0 to
-36 dB in 25 steps of approximately 1.4 dB each. The least significant 5 bits of this
register indicate the cable attenuation in dB. These 5 bits are only valid in combination
with the most significant two bits (RES.EV1/0 = 01).
5.1.5
Receive Clock and Data Recovery (T1/J1)
The analog received signal on port RL1/2 is equalized and then peak-detected to
produce a digital signal. The digital received signal on port RDIP/N is directly forwarded
to the DPLL. The receive clock and data recovery extracts the route clock RCLK from
the data stream received at the RL1/2, RDIP/RDIN or ROID lines and converts the data
stream into a single-rail, unipolar bit stream. The clock and data recovery uses an
internally generated high frequency clock based on MCLK.
The recovered route clock or a de-jittered clock can be output on pin RCLK as shown in
Table 25.
See also Table 28 on page 126 for details of master/slave clocking.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com