Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 116 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 116 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 112Page - Infineon Technologies AG PEB2256HT Datasheet HTML 113Page - Infineon Technologies AG PEB2256HT Datasheet HTML 114Page - Infineon Technologies AG PEB2256HT Datasheet HTML 115Page - Infineon Technologies AG PEB2256HT Datasheet HTML 116Page - Infineon Technologies AG PEB2256HT Datasheet HTML 117Page - Infineon Technologies AG PEB2256HT Datasheet HTML 118Page - Infineon Technologies AG PEB2256HT Datasheet HTML 119Page - Infineon Technologies AG PEB2256HT Datasheet HTML 120Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 490 page
background image
FALC56 V1.2
PEB 2256
Functional Description E1
Data Sheet
116
2002-08-27
4.6.4
Local Loop
The local loop-back mode selected by LIM0.LL = 1 disconnects the receive lines RL1/2
or RDIP/RDIN from the receiver. Instead of the signals coming from the line the data
provided by the system interface is routed through the analog receiver back to the
system interface. However, the bit stream is transmitted undisturbedly on the line.
However, an AIS to the distant end can be enabled by setting FMR1.XAIS = 1 without
influencing the data looped back to the system interface.
Note that enabling the local loop usually invokes an out-of-frame error until the receiver
resynchronizes to the new framing. The serial codes for transmitter and receiver have to
be identical.
Figure 39
Local Loop (E1)
ITS09749
RDO
XDI
RCLK
AIS-GEN
RL1
RL2
XL1
XL2
Framer
Rec.
Framer
Trans.
Store
Elast.
Recovery
Data
Clock +
MUX
Elast.
Store



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com