| Electronic Components Datasheet Search |
|
PEB2256HT Datasheet(PDF) 118 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
PEB2256HT Datasheet(HTML) 118 Page - Infineon Technologies AG |
|
118 / 490 page ![]() FALC56 V1.2 PEB 2256 Functional Description E1 Data Sheet 118 2002-08-27 4.6.6 Alarm Simulation (E1) Alarm simulation does not affect the normal operation of the device, i.e. all time slots remain available for transmission. However, possible real alarm conditions are not reported to the processor or to the remote end when the device is in the alarm simulation mode. The alarm simulation is initiated by setting the bit FMR0.SIM. The following alarms are simulated: • Loss-Of-Signal (LOS) • Alarm Indication Signal (AIS) • Loss of pulse frame • Remote alarm indication • Receive and transmit slip indication • Framing error counter • Code violation counter (HDB3 Code) • CRC4 error counter • E-Bit error counter • CEC2 counter • CEC3 counter Some of the above indications are only simulated if the FALC56 is configured to a mode where the alarm is applicable (e.g. no CRC4 error simulation when doubleframe format is enabled). Setting of the bit FMR0.SIM initiates alarm simulation, interrupt status bits are set. Error counting and indication occurs while this bit is set. After it is reset all simulated error conditions disappear, but the generated interrupt statuses are still pending until the corresponding interrupt status register is read. Alarms like AIS and LOS are cleared automatically. Interrupt status registers and error counters are automatically cleared on read. 4.6.7 Single Bit Defect Insertion Single bit defects can be inserted into the transmit data stream for the following functions: FAS defect, multiframe defect, CRC defect, CAS defect, PRBS defect and bipolar violation. Defect insertion is controlled by register IERR. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |