Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 125 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 125 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 121Page - Infineon Technologies AG PEB2256HT Datasheet HTML 122Page - Infineon Technologies AG PEB2256HT Datasheet HTML 123Page - Infineon Technologies AG PEB2256HT Datasheet HTML 124Page - Infineon Technologies AG PEB2256HT Datasheet HTML 125Page - Infineon Technologies AG PEB2256HT Datasheet HTML 126Page - Infineon Technologies AG PEB2256HT Datasheet HTML 127Page - Infineon Technologies AG PEB2256HT Datasheet HTML 128Page - Infineon Technologies AG PEB2256HT Datasheet HTML 129Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 490 page
background image
FALC56 V1.2
PEB 2256
Functional Description T1/J1
Data Sheet
125
2002-08-27
• Detection:
An alarm is generated if the incoming data stream has no pulses (no transitions) for a
certain number (N) of consecutive pulse periods. “No pulse” in the digital receive
interface means a logical zero on pins RDIP/RDIN or ROID. A pulse with an amplitude
less than Q dB below nominal is the criteria for “no pulse” in the analog receive
interface (LIM1.DRS = 0). The receive signal level Q is programmable by three control
bits LIM1.RIL(2:0) (see Chapter 11.3 on page 447). The number N is set by an 8 bit
register (PCD). The contents of the PCD register is multiplied by 16, which results in
the number of pulse periods, i.e. the time which has to suspend until the alarm has to
be detected. The programmable range is 16 to 4096 pulse periods.
• Recovery:
In general the recovery procedure starts after detecting a logical "1" (digital receive
interface) or a pulse (analog receive interface) with an amplitude more than Q dB
(defined by LIM1.RIL(2:0)) of the nominal pulse. The value in the 8 bit register PCR
defines the number of pulses (1 to 255) to clear the LOS alarm. Additional recovery
conditions are programmed by register LIM2.
If a loss-of-signal condition is detected in long-haul mode, the data stream can optionally
be cleared automatically to avoid bit errors before LOS is indicated. The selection is
done by LIM1.CLOS = 1.
5.1.9
Receive Jitter Attenuator (T1/J1)
The receive jitter attenuator is placed in the receive path. The working clock is an
internally generated high frequency clock based on the clock provided on pin MCLK. The
jitter attenuator meets the requirements of PUB 62411, PUB 43802, TR-TSY 009,TR-
TSY 253, TR-TSY 499 and ITU-T I.431, G.703 and G. 824.
The internal PLL circuitry DCO-R generates a "jitter-free" output clock which is directly
depending on the phase difference of the incoming clock and the jitter attenuated
clock.The receive jitter attenuator can be synchronized either on the extracted receive
clock RCLK or on a 1.544-, 2.048-MHz or 8-kHz clock provided on pin SYNC (8 kHz in
master mode only). The received data is written into the receive elastic buffer with RCLK
and are read out with the de-jittered clock sourced by DCO-R. The jitter attenuated clock
can be output on pins RCLK, CLK1 or SCLKR. Optionally an 8-kHz clock is provided on
pin SEC/FSC.
The DCO-R circuitry attenuates the incoming jittered clock starting at 6-Hz jitter
frequency with 20 dB per decade fall-off. Wander with a jitter frequency below 6 Hz is
passed unattenuated. The intrinsic jitter in the absence of any input jitter is < 0.02 UI.
For some applications it might be useful starting of jitter attenuation at lower frequencies.
Therefore the corner frequency is switchable by the factor of ten down to 0.6 Hz
(LIM2.SCF).
The DCO-R circuitry is automatically centered to the nominal bit rate if the reference
clock on pin SYNC/RCLK is missed for 2, 3 or 4 of the 2.048-MHz or 1.544-MHz clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com