Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 137 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 137 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 133Page - Infineon Technologies AG PEB2256HT Datasheet HTML 134Page - Infineon Technologies AG PEB2256HT Datasheet HTML 135Page - Infineon Technologies AG PEB2256HT Datasheet HTML 136Page - Infineon Technologies AG PEB2256HT Datasheet HTML 137Page - Infineon Technologies AG PEB2256HT Datasheet HTML 138Page - Infineon Technologies AG PEB2256HT Datasheet HTML 139Page - Infineon Technologies AG PEB2256HT Datasheet HTML 140Page - Infineon Technologies AG PEB2256HT Datasheet HTML 141Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 490 page
background image
FALC56 V1.2
PEB 2256
Functional Description T1/J1
Data Sheet
137
2002-08-27
5.1.14.3
CAS Bit-Robbing (T1/J1, serial mode)
The signaling information is carried in the LSB of every sixth frame for each time slot.
The signaling controller samples the bit stream either on the receive line side or if
external signaling is enabled on the receive system side on port RSIG. Receive signaling
data is stored in the registers RS(12:1).
Optionally the complete CAS multiframe is transmitted on pin RSIG (FMR5.EIBR = 1).
The signaling data is clocked out with the working clock of the receive highway (SCLKR)
together with the receive synchronization pulse (SYPR). Data on RSIG is transmitted in
the last 4 bits per time slot and are time slot aligned to the data on RDO. In ESF format
the A,B,C,D bits are placed in the bit positions 5 to 8 per time slot. In F12/72 format the
A and B bits are repeated in the C and D bit positions. The first 4 bits per time slot can
be optionally fixed high or low. The FS/DL time slot is transmitted on RDO and RSIG.
During idle time slots no signaling information is transmitted. Data on RSIG are only valid
if the freeze signaling status is inactive. With FMR2.SAIS all-ones data is transmitted on
RDO and RSIG.
Updating of the received signaling information is controlled by the freeze signaling
status. The freeze signaling status is automatically activated if a loss-of-signal, or a loss-
of-frame-alignment or a receive slip occurs. The current freeze status is output on port
FREEZE (RP(A:D)) and indicated by register SIS.SFS. If SIS.SFS is active updating of
the registers RS(12:1) is disabled. Optionally automatic freeze signaling is disabled by
setting bit SIC3.DAF.
After CAS resynchronization an interrupt is generated. Because at this time the signaling
is still frozen, CAS data is not valid yet. Readout of CAS data has to be delayed until the
next CAS multiframe is received.
5.1.14.4
CAS Bit-Robbing (T1/J1, µP access mode)
The signaling information is carried in the LSB of every sixth frame for each time slot.
Receive data is stored in registers RS(12:1) aligned to the CAS multiframe boundary.
To relieve the µP load from always reading the complete RS(12:1) buffer every 3 ms the
FALC56 notifies the µP by interrupt ISR0.RSC only when signaling changes from one
multiframe to the next. Additionally the FALC56 generates a receive signaling data
change pointer (RSP1/2) which directly points to the updated RS(12:1) register.
Because the CAS controller is working on the PCM highway side of the receive buffer,
slips disturb the CAS data.
5.1.14.5
Bit Oriented Messages in ESF-DL Channel (T1/J1)
The FALC56 HDLC channel 1 supports the DL-channel protocol for ESF format
according to ANSI T1.403 specification or according to AT&T TR54016. The HDLC and
bit oriented message (BOM) receiver are switched on/off independently. If the FALC56
is used for HDLC formats only, the BOM receiver has to be switched off. If HDLC and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com