Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 138 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 138 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 134Page - Infineon Technologies AG PEB2256HT Datasheet HTML 135Page - Infineon Technologies AG PEB2256HT Datasheet HTML 136Page - Infineon Technologies AG PEB2256HT Datasheet HTML 137Page - Infineon Technologies AG PEB2256HT Datasheet HTML 138Page - Infineon Technologies AG PEB2256HT Datasheet HTML 139Page - Infineon Technologies AG PEB2256HT Datasheet HTML 140Page - Infineon Technologies AG PEB2256HT Datasheet HTML 141Page - Infineon Technologies AG PEB2256HT Datasheet HTML 142Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 490 page
background image
FALC56 V1.2
PEB 2256
Functional Description T1/J1
Data Sheet
138
2002-08-27
BOM receiver have been switched on (MODE.HRAC/BRAC), an automatic switching
between HDLC and BOM mode is enabled. If eight or more consecutive ones are
detected, the BOM mode is entered. Upon detection of a flag in the data stream, the
FALC56 switches back to HDLC mode. In BOM mode, the following byte format is
assumed (the left most bit is received first): 111111110xxxxxx0
Three different BOM reception modes can be programmed (CCR1.BRM+ CCR2.RBFE).
If CCR2.RFBE is set, the BOM receiver accepts only BOM frames after detecting 7 out
of 10 equal BOM pattern. Buffering of receive data is done in a 64 byte deep RFIFO.
5.1.14.6
4 kbit/s Data Link Access in F72 Format (T1/J1)
The DL-channel protocol is supported as follows:
• access is done on a multiframe basis through registers RDL(3:1),
• the DL-bit information from frame 26 to 72 is stored in the receive FIFO of the signaling
controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com