Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 142 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 142 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 138Page - Infineon Technologies AG PEB2256HT Datasheet HTML 139Page - Infineon Technologies AG PEB2256HT Datasheet HTML 140Page - Infineon Technologies AG PEB2256HT Datasheet HTML 141Page - Infineon Technologies AG PEB2256HT Datasheet HTML 142Page - Infineon Technologies AG PEB2256HT Datasheet HTML 143Page - Infineon Technologies AG PEB2256HT Datasheet HTML 144Page - Infineon Technologies AG PEB2256HT Datasheet HTML 145Page - Infineon Technologies AG PEB2256HT Datasheet HTML 146Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 490 page
background image
FALC56 V1.2
PEB 2256
Functional Description T1/J1
Data Sheet
142
2002-08-27
Figure 49 gives an overview of influences on synchronization status for the case of
different external actions. Activation of auto mode and non-auto mode is performed by
bit FMR4.AUTO. Generally, for initiating resynchronization it is recommended to use bit:
FMR0.EXLS first. In cases where the synchronizer remains in the asynchronous state,
bit FMR0.FRS is used to enforce it to lock onto the next framing candidate, although it
might be a simulated one.
5.2.4
4-Frame Multiframe (F4 Format, T1/J1)
The allocation of the FT-bits (bit 1 of frames 1 and 3) for frame alignment signal is shown
in Table 33.
The FS-bit can be used for signaling. Remote alarm (yellow alarm) is indicated by setting
bit 2 to 0 in each time slot.
5.2.4.1
Synchronization Procedure
For multiframe synchronization, the terminal framing bits (FT-bits) are observed. The
synchronous state is reached if at least one terminal framing candidate is definitely
found, or the synchronizer is forced to lock onto the next available candidate
(FMR0.FRS).
Table 33
4-Frame Multiframe Structure (T1/J1)
Frame Number
F
T
F
S
1
2
3
4
1
–
0
–
service bit
service bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com