Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 143 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 143 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 139Page - Infineon Technologies AG PEB2256HT Datasheet HTML 140Page - Infineon Technologies AG PEB2256HT Datasheet HTML 141Page - Infineon Technologies AG PEB2256HT Datasheet HTML 142Page - Infineon Technologies AG PEB2256HT Datasheet HTML 143Page - Infineon Technologies AG PEB2256HT Datasheet HTML 144Page - Infineon Technologies AG PEB2256HT Datasheet HTML 145Page - Infineon Technologies AG PEB2256HT Datasheet HTML 146Page - Infineon Technologies AG PEB2256HT Datasheet HTML 147Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 490 page
background image
FALC56 V1.2
PEB 2256
Functional Description T1/J1
Data Sheet
143
2002-08-27
5.2.5
12-Frame Multiframe (D4 or SF Format, T1/J1)
Normally, this kind of multiframe structure only makes sense when using the CAS
robbed-bit signaling. The multiframe alignment signal is located at the FS-bit position of
every other frame (refer to Table 34).
There are two possibilities of remote alarm (yellow alarm) indication:
• Bit 2 = 0 in each time slot of a frame, selected with bit FMR0.SRAF = 0
• The last bit of the multiframe alignment signal (bit 1 of frame 12) changes from "0" to
"1", selected with bit FMR0.SRAF = 1.
5.2.5.1
Synchronization Procedure
In the synchronous state terminal framing (FT-bits) and multiframing (FS-bits) are
observed, independently. Further reaction on framing errors depends on the selected
synchronization/resynchronization procedure (by bit FMR2.SSP):
• FMR2.SSP = 0: terminal frame and multiframe synchronization are combined.
Two errors within 4/5/6 framing bits (by bits FMR4.SSC1/0) of one of the above leads
to the asynchronous state for terminal framing and multiframing. Additionally to the bit
FRS0.LFA, loss of multiframe alignment is reported by bit FRS0.LMFA.
The resynchronization procedure starts with synchronizing upon the terminal framing.
If the pulse framing has been regained, the search for multiframe alignment is
initiated. Multiframe synchronization has been regained after two consecutive correct
multiframe patterns have been received.
• FMR2.SSP = 1: terminal frame and multiframe synchronization are separated
Two errors within 4/5/6 terminal framing bits lead to the same reaction as described
Table 34
12-Frame Multiframe Structure (T1/J1)
Frame Number
F
T
F
S
Signaling Channel
Designation
1
2
3
4
5
6
7
8
9
10
11
12
1
–
0
–
1
–
0
–
1
–
0
–
–
0
–
0
–
1
–
1
–
1
–
0
A
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com