Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 147 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 147 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 143Page - Infineon Technologies AG PEB2256HT Datasheet HTML 144Page - Infineon Technologies AG PEB2256HT Datasheet HTML 145Page - Infineon Technologies AG PEB2256HT Datasheet HTML 146Page - Infineon Technologies AG PEB2256HT Datasheet HTML 147Page - Infineon Technologies AG PEB2256HT Datasheet HTML 148Page - Infineon Technologies AG PEB2256HT Datasheet HTML 149Page - Infineon Technologies AG PEB2256HT Datasheet HTML 150Page - Infineon Technologies AG PEB2256HT Datasheet HTML 151Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 490 page
background image
FALC56 V1.2
PEB 2256
Functional Description T1/J1
Data Sheet
147
2002-08-27
Remote alarm (yellow alarm) is indicated by setting bit 2 to zero in each time slot. An
additional use of the D-bits for alarm indication is user defined and must be done
externally.
5.2.7.1
Synchronization Procedure
In the synchronous state terminal framing (FT-bits) and multiframing (FS-bits of the
framing header) are observed independently. Further reaction on framing errors
depends on the selected synchronization/resynchronization procedure (by bit
FMR2.SSP):
• FMR2.SSP = 0: terminal frame and multiframe synchronization are combined
Two errors within 4/5/6 framing bits (by bits FMR4.SSC1/0) of one of the above lead
to the asynchronous state for terminal framing and multiframing. Additionally to The
resynchronization procedure starts with synchronizing upon the terminal framing. If
the pulse framing has been regained, the search for multiframe alignment is initiated.
Multiframe synchronization has been regained after two consecutive correct
multiframe patterns have been received.
• FMR2.SSP = 1: terminal frame and multiframe synchronization are separated
Two errors within 4/5/6 terminal framing bits lead to the same reaction as described
above for the “combined” mode.
Two errors within 4/5/6 multiframing bits lead to the asynchronous state only for the
multiframing. Loss of multiframe alignment is reported by bit FRS0.LMFA. The state
of terminal framing is not influenced.
Now, the resynchronization procedure includes only the search for multiframe
alignment. Multiframe synchronization has been regained after two consecutive
correct multiframe patterns have been received.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com