Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 150 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 150 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 146Page - Infineon Technologies AG PEB2256HT Datasheet HTML 147Page - Infineon Technologies AG PEB2256HT Datasheet HTML 148Page - Infineon Technologies AG PEB2256HT Datasheet HTML 149Page - Infineon Technologies AG PEB2256HT Datasheet HTML 150Page - Infineon Technologies AG PEB2256HT Datasheet HTML 151Page - Infineon Technologies AG PEB2256HT Datasheet HTML 152Page - Infineon Technologies AG PEB2256HT Datasheet HTML 153Page - Infineon Technologies AG PEB2256HT Datasheet HTML 154Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 490 page
background image
FALC56 V1.2
PEB 2256
Functional Description T1/J1
Data Sheet
150
2002-08-27
5.3
Additional Receive Framer Functions (T1/J1)
5.3.1
Error Performance Monitoring and Alarm Handling
• Alarm Indication Signal: Detection and recovery is flagged by bit FRS0.AIS and
ISR2.AIS. Transmission is enabled by bit FMR1.XAIS.
• Loss-Of-Signal: Detection and recovery is flagged by bit FRS0.LOS and ISR2.LOS.
• Remote Alarm Indication: Detection and release is flagged by bit FRS0.RRA and
ISR2.RA/RAR. Transmission is enabled by bit FMR4.XRA.
• Excessive Zeros: Detection is flagged by bit FRS1.EXZD.
• Pulse-Density Violation: Detection is flagged by bit FRS1.PDEN and ISR0.PDEN.
• Transmit Line Shorted: Detection and release is flagged by bit FRS1.XLS and
ISR1.XLSC.
• Transmit Ones-Density: Detection and release is flagged by bit FRS1.XLO and
ISR1.XLSC.
Table 38
Summary of Alarm Detection and Release (T1/J1)
Alarm
Detection Condition
Clear Condition
Red Alarm or
Loss-Of-Signal
(LOS)
no transitions (logical zeros) in a
programmable time interval of 16
to 4096 consecutive pulse
periods. Programmable receive
input signal threshold
programmable number of ones
(1 to 256) in a programmable
time interval of 16 to 4096
consecutive pulse periods. A one
is a signal with a level above the
programmed threshold.
or
the pulse-density is fulfilled and
no more than 15 contiguous
zeros during the recovery
interval are detected.
Blue Alarm or
Alarm Indication
Signal (AIS)
FMR4.AIS3 = 0:
less than 3 zeros in 12 frames or
24 frames (ESF),
FMR4.AIS3 = 1:
less than 4 zeros in 12 frames or
less than 6 zeros in 24 frames
(ESF)
active for at least one multiframe.
FMR4.AIS3 = 0:
more than 2 zeros in 12 or 24
frames (ESF),
FMR4.AIS3 = 1:
more than 3 zeros in 12 frames
or more than 5 zeros in 24
frames (ESF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com