Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 153 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 153 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 149Page - Infineon Technologies AG PEB2256HT Datasheet HTML 150Page - Infineon Technologies AG PEB2256HT Datasheet HTML 151Page - Infineon Technologies AG PEB2256HT Datasheet HTML 152Page - Infineon Technologies AG PEB2256HT Datasheet HTML 153Page - Infineon Technologies AG PEB2256HT Datasheet HTML 154Page - Infineon Technologies AG PEB2256HT Datasheet HTML 155Page - Infineon Technologies AG PEB2256HT Datasheet HTML 156Page - Infineon Technologies AG PEB2256HT Datasheet HTML 157Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 490 page
background image
FALC56 V1.2
PEB 2256
Functional Description T1/J1
Data Sheet
153
2002-08-27
5.3.6
Clear Channel Capability
For support of common T1 applications, clear channels can be specified through the 3-
byte register bank CCB(1:3). In this mode the contents of selected transmit time slots are
not overwritten by internally or externally sourced bit-robbing and zero code suppression
(B7 stuffing) information.
5.3.7
In-Band Loop Generation and Detection
The FALC56 generates and detects a framed or unframed in-band loop-up (activate,
00001) and loop-down (deactivate, 001) pattern according to ANSI T1.403 with bit error
rates as high as 10
-2. Framed or unframed in-band loop code is selected by LCR1.FLLB.
Replacing the in-band loop codes with transmit data is done by FMR5.XLD/XLU.
The FALC56 also offers the ability generating and detecting of a flexible in-band loop-up
and -down pattern (LCR1.LLBP = 1). The loop-up and loop-down pattern is individually
programmable from 2 to 8 bits in length (LCR1.LAC1/0 and LCR1.LDC1/0).
Programming of loop codes is done in registers LCR2 and LCR3.
Status and interrupt status bits inform the user whether loop-up or loop-down code was
detected.
5.3.8
Transparent Mode
The transparent modes are useful for loop-backs or for routing data unchanged through
the FALC56.
In receive direction, transparency for ternary or dual-/single-rail unipolar data is always
achieved if the receiver is in the synchronous state. All bits in F-bit position of the
incoming multiframe are forwarded to RDO and inserted in the FS/DL time slot or in the
F-bit position. In asynchronous state the received data is switched through transparently
if bit FMR2.DAIS is set. Setting of bit LOOP.RTM disconnects control of the elastic buffer
from the receiver. The elastic buffer is now in a “free running” mode without any
possibility to update the time slot assignment to a new frame position in case of
resynchronization of the receiver. Together with FMR2.DAIS this function is used to
realize undisturbed transparent reception.
Setting bit FMR4.TM switches the FALC56 in transmit transparent mode:
In transmit direction bit 8 of the FS/DL time slot from the system highway (XDI) is inserted
in the F-bit position of the outgoing frame. For complete transparency the internal
signaling controller, idle code generation, AIS alarm generation, single channel and
payload loop-back has to be disabled and cleared channels have to be defined by
registers CCB1
…3.
5.3.9
Pulse-Density Detection
The FALC56 examines the receive data stream on the pulse-density requirement which
is defined by ANSI T1. 403. More than 14 consecutive zeros or less than N ones in each



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com