Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 155 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 155 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 151Page - Infineon Technologies AG PEB2256HT Datasheet HTML 152Page - Infineon Technologies AG PEB2256HT Datasheet HTML 153Page - Infineon Technologies AG PEB2256HT Datasheet HTML 154Page - Infineon Technologies AG PEB2256HT Datasheet HTML 155Page - Infineon Technologies AG PEB2256HT Datasheet HTML 156Page - Infineon Technologies AG PEB2256HT Datasheet HTML 157Page - Infineon Technologies AG PEB2256HT Datasheet HTML 158Page - Infineon Technologies AG PEB2256HT Datasheet HTML 159Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 490 page
background image
FALC56 V1.2
PEB 2256
Functional Description T1/J1
Data Sheet
155
2002-08-27
Similar to the receive line interface three different data types are supported:
Figure 50
Transmitter Configuration (T1/J1)
• Ternary Signal
Single-rail data is converted into a ternary signal which is output on pins XL1 and XL2.
Selection between B8ZS or simple AMI coding with zero code suppression (B7
stuffing) is provided. B7 stuffing can be disabled on a per time slot basis (Clear
Channel capability). Selected by FMR0.XC1/0 and LIM1.DRS = 0.
• Dual-rail data PCM(+), PCM(-) at multifunction ports XDOP and XDON with 50% or
100% duty cycle and with programmable polarity. Line coding is done in the same way
as in ternary interface mode. Selected by FMR0.XC1 = 1 and LIM1.DRS = 1.
• Unipolar data on port XOID is transmitted in NRZ (non return to zero) with 100% duty
cycle or in CMI code with or without (SIC3.CMI) preprocessed by B8ZS coding to a
fiber-optical interface. Clocking off data is done with the rising edge of the transmit
clock XCLK (1544 kHz) and with a programmable polarity. Selection is done by
FMR0.XC1 = 0 and LIM1.DRS = 1.
5.4.3
Transmit Jitter Attenuator (T1/J1)
The transmit jitter attenuator DCO-X circuitry generates a "jitter-free" transmit clock and
meets the following requirements: PUB 62411, PUB 43802, TR-TSY 009,TR-TSY 253,
TR-TSY 499 and ITU-T I.431 and G.703. The DCO-X circuitry works internally with the
Table 39
Recommended Transmitter Configuration Values (T1/J1)
Parameter
T1
J1
Characteristic Impedance [
Ω]
100
110
R
1 (± 1%) [Ω]2
1)
1)
This value refers to an ideal transformer without any parasitics. Any transformer resistance or other parasitic
resistances have to be taken into account when calculating the final value of the output serial resistors.
t2 : t1
1 : 2.4
ITS10968
Line
t 1
t 2
XL2
XL1
R1
1
R
FALC
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com