Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 159 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 159 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 155Page - Infineon Technologies AG PEB2256HT Datasheet HTML 156Page - Infineon Technologies AG PEB2256HT Datasheet HTML 157Page - Infineon Technologies AG PEB2256HT Datasheet HTML 158Page - Infineon Technologies AG PEB2256HT Datasheet HTML 159Page - Infineon Technologies AG PEB2256HT Datasheet HTML 160Page - Infineon Technologies AG PEB2256HT Datasheet HTML 161Page - Infineon Technologies AG PEB2256HT Datasheet HTML 162Page - Infineon Technologies AG PEB2256HT Datasheet HTML 163Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 490 page
background image
FALC56 V1.2
PEB 2256
Functional Description T1/J1
Data Sheet
159
2002-08-27
which shall be latched on ports XDI and XP(A:D) is programmable by bits
SIC2.SICS(2:0), the remaining channel phases are cleared or ignored respectively.
The following table gives an overview of the transmit buffer operating modes.
5.4.5
Programmable Pulse Shaper and Line Build-Out (T1/J1)
In long-haul applications the transmit pulse masks are optionally generated according to
FCC68 and ANSI T1. 403. To reduce the crosstalk on the received signals the
FALC56 offers the ability to place a transmit attenuator in the data path. Transmit
attenuation is selectable from 0, -7.5, -15 or -22.5 dB (register LIM2.LBO2/1).
ANSI T1. 403 defines only 0 to -15 dB.
The FALC56 includes a programmable pulse shaper to satisfy the requirements of ANSI
T1. 102, also various DS1, DSX-1 specifications are met. The amplitude of the pulse
shaper is individually programmable by the microprocessor to allow a maximum of
different pulse templates. The line length is selected by programming the registers
XPM(2:0) as shown for typical values in the table below. The values are optimized for
transformer ratio: 1:2.4; cable: PULP 22AWG (100
Ω); serial resistors: 2 Ω.
The transmitter requires an external step up transformer to drive the line.
Table 40
Transmit Buffer Operating Modes (T1/J1)
Buffer Size
TS Offset programming
Slip performance
bypass
enabled
no
short buffer
disabled
yes
1 frame
enabled
yes
2 frames
enabled
yes
Table 41
Pulse Shaper Programming (T1/J1)
Range in
m
Range in
ft.
XPM0
XPM1
XPM2
XP04-
XP00
XP14-
XP10
XP24-
XP20
XP34-
XP30
hexadecimal
decimal
0 to 40
0 to 133
D7
22
1
23
22
8
2
40 to 81
133 to 266 FA
26
1
26
23
9
2
81 to 122
266 to 399 3D
37
1
29
25
13
2
122 to 162
399 to 533 5F
3F
1
31
26
15
2
162 to 200
533 to 655 3F
CB
1
31
25
18
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com