Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 162 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 162 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 158Page - Infineon Technologies AG PEB2256HT Datasheet HTML 159Page - Infineon Technologies AG PEB2256HT Datasheet HTML 160Page - Infineon Technologies AG PEB2256HT Datasheet HTML 161Page - Infineon Technologies AG PEB2256HT Datasheet HTML 162Page - Infineon Technologies AG PEB2256HT Datasheet HTML 163Page - Infineon Technologies AG PEB2256HT Datasheet HTML 164Page - Infineon Technologies AG PEB2256HT Datasheet HTML 165Page - Infineon Technologies AG PEB2256HT Datasheet HTML 166Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 490 page
background image
FALC56 V1.2
PEB 2256
Functional Description T1/J1
Data Sheet
162
2002-08-27
In external signaling mode the signaling data is sampled with the working clock of the
transmit system interface (SCLKX) together with the transmit synchronous pulse
(SYPX). Data on XSIG is latched in the bit positions 5 to 8 per time slot, bits 1 to 4 are
ignored. The FS/DL-bit is sampled on port XSIG and inserted in the outgoing data
stream. The received CAS multiframe is inserted frame aligned into the data stream on
XDI. Data sourced by the internal signaling controller overwrites the external signaling
data which must be valid during the last frame of a multiframe.
Internal multiplexing of data and signaling data can be disabled on a per time slot basis
(clear channel capability). This is also valid when using the internal and external
signaling mode.
5.4.7.4
CAS Bit-Robbing (T1/J1, µP access mode)
The signaling controller inserts the bit stream either on the transmit line side or if external
signaling is enabled on the transmit system side. Signaling data is sourced internally
from registers XS(12:1).
Internal multiplexing of data and signaling data can be disabled on a per time slot basis
(clear channel capability). This is also valid when using the internal and external
signaling mode.
5.4.7.5
Data Link Access in ESF/F24 and F72 Format (T1/J1)
The DL-channel protocol is supported as follows:
• access is done on a multiframe basis through registers XDL(3:1) or
• HDLC access or transparent transmission (non HDLC mode) from XFIFO (HDLC
channel 1 only)
The signaling information stored in the XFIFO is inserted in the DL-bits of frame 26 to 72
in F72 format or in every other frame in ESF format. Transmission can be done on a
multiframe boundary (CCR1.XMFA = 1). Operating in HDLC or BOM mode “flags” or
“idle” are transmitted as interframe timefill.
5.4.7.6
Periodical Performance Report in ESF Format (T1/J1)
According to ANSI T1.403 the FALC56 can automatically generate the Periodical
Performance Report (PPR) and transmit it every second in the data link channel of the
extended superframe format (ESF/F24 only). Automatic sending of this report can be
enabled/disabled by the use of bit CCR5.EPR. A single report can be initiated manually
at any time (by setting CMDR2.XPPR = 1).
Performance information is sampled every second and the report contains data of the
last four seconds as shown in the following tables.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com