Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 164 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 164 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 160Page - Infineon Technologies AG PEB2256HT Datasheet HTML 161Page - Infineon Technologies AG PEB2256HT Datasheet HTML 162Page - Infineon Technologies AG PEB2256HT Datasheet HTML 163Page - Infineon Technologies AG PEB2256HT Datasheet HTML 164Page - Infineon Technologies AG PEB2256HT Datasheet HTML 165Page - Infineon Technologies AG PEB2256HT Datasheet HTML 166Page - Infineon Technologies AG PEB2256HT Datasheet HTML 167Page - Infineon Technologies AG PEB2256HT Datasheet HTML 168Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 490 page
background image
FALC56 V1.2
PEB 2256
Functional Description T1/J1
Data Sheet
164
2002-08-27
Table 43
Bit Functions in Periodical Performance Report
1)
1)
according to ANSI T1.403
Bit Value
Interpretation
G1 = 1
number of CRC error events = 1
G2 = 1
1 < number of CRC error events
≤ 5
G3 = 1
5 < number of CRC error events
≤ 10
G4 = 1
10 < number of CRC error events
≤ 100
G5 = 1
100 < number of CRC error events
≤ 319
G6 = 1
number of CRC error events
≥ 320
SE = 1
Severely errored framing event
≥ 1 (FE shall be 0)
FE = 1
Frame synchronization bit error event
≥ 1 (SE shall be 0)
LV = 1
Line code violation event
≥ 1
SL = 1
Slip event
≥ 1
LB = 1
Payload loop-back activated
U1
not used (default value = 0)
U2
not used (default value = 0)
R
not used (default value = 0)
NmNi
One-second report modulo 4 counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com