Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 160 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 160 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 156Page - Infineon Technologies AG PEB2256HT Datasheet HTML 157Page - Infineon Technologies AG PEB2256HT Datasheet HTML 158Page - Infineon Technologies AG PEB2256HT Datasheet HTML 159Page - Infineon Technologies AG PEB2256HT Datasheet HTML 160Page - Infineon Technologies AG PEB2256HT Datasheet HTML 161Page - Infineon Technologies AG PEB2256HT Datasheet HTML 162Page - Infineon Technologies AG PEB2256HT Datasheet HTML 163Page - Infineon Technologies AG PEB2256HT Datasheet HTML 164Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 490 page
background image
FALC56 V1.2
PEB 2256
Functional Description T1/J1
Data Sheet
160
2002-08-27
5.4.6
Transmit Line Monitor (T1/J1)
The transmit line monitor compares the transmit line current on XL1 and XL2 with an on-
chip transmit line current limiter. The monitor detects faults on the primary side of the
transformer indicated by a highly increased transmit line current (more than 120 mA for
at least 3 consecutive pulses sourced by V
DDX
1)) and protects the device from damage
by setting the transmit line driver XL1/2 into high-impedance state automatically (if
enabled by XPM2.DAXLT = 0). The current limiter checks the actual current value of
XL1/2 and if the transmit line current drops below the detection limit the high-impedance
state is cleared.
Two conditions are detected by the monitor: transmit line de-jitteredity (more than 31
consecutive zeros) indicated by FRS1.XLO and transmit line high current indicated by
FRS1.XLS. In both cases a transmit line monitor status change interrupt is provided.
Figure 53
Transmit Line Monitor Configuration (T1/J1)
5.4.7
Transmit Signaling Controller (T1/J1)
Similar to the receive signaling controller the same signaling methods and the same time
slot assignment are provided. The FALC56 performs the following signaling and data link
methods.
5.4.7.1
HDLC or LAPD access
The transmit signaling controller of the FALC56 performs the flag generation, CRC
generation, zero bit stuffing and programmable idle code generation. Buffering of
transmit data is done in the 64 byte deep XFIFO. The signaling information is internally
multiplexed with the data applied to port XDI or XSIG.
In signaling controller transparent mode, fully transparent data transmission without
1)
shorts between XL1 or XL2 and V
DDX are not detected
ITS10936
Pulse
Shaper
Monitor
Line
TRI
XDATA
XL1
XL2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com